Electronic Components Datasheet Search
  English  ▼

X  

DUG11A Datasheet(PDF) 4 Page - SunLED Corporation

Part # DUG11A
Description  10.92mm (0.43) SINGLE DIGIT NUMERIC DISPLAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DUG11A Datasheet(HTML) 4 Page - SunLED Corporation

  DUG11A Datasheet HTML 1Page - SunLED Corporation DUG11A Datasheet HTML 2Page - SunLED Corporation DUG11A Datasheet HTML 3Page - SunLED Corporation DUG11A Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Published Date : FEB 28, 2008
Drawing No : SDSA2058
V4
Checked : Shin Chi
P.4/4
Part Number:
DUG11A
10.92mm (0.43") SINGLE DIGIT NUMERIC DISPLAY
www.SunLED.com
PACKING & LABEL SPECIFICATIONS
DUG11A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com