Electronic Components Datasheet Search
  English  ▼

X  

DUG13A Datasheet(PDF) 1 Page - SunLED Corporation

Part # DUG13A
Description  13.2mm(0.52) SINGLE DIGIT NUMERIC DISPLAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DUG13A Datasheet(HTML) 1 Page - SunLED Corporation

  DUG13A Datasheet HTML 1Page - SunLED Corporation DUG13A Datasheet HTML 2Page - SunLED Corporation DUG13A Datasheet HTML 3Page - SunLED Corporation DUG13A Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : MAR 05,2008
Drawing No : SDSA2077
V5
Checked : Shin Chi
P.1/4
Part Number:
DUG13A
13.2mm(0.52”) SINGLE DIGIT NUMERIC DISPLAY
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
DUG13A
Green
GaP
1900
10490
565
Common Anode,Rt.Hand Decimal.
Absolute maximum ratings
(TA=25°C)
UG
(GaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
140
mA
Power Dissipation
PT
62.5
mW
Operating Temperature
TA
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3-5 Seconds
°C
UG
(GaP)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
2.0
V
Forward voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength at peak
Emission (Typ.)
(IF=10mA)
λ P
565
nm
Wavelength of Dominant
Emission (Typ.)
(IF=10mA)
λ D
568
nm
Spectral Line half-width
At Half-Maximum (Typ.)
(IF=10mA)
Δλ
30
nm
Capacitance
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice
.
Features
0.52 INCH DIGIT HEIGHT.
EXCELLENT CHARACTER APPEARANCE.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
I.C. COMPATIBLE.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
yalin
數位簽署者:yalin
DN:cn=yalin, o, ou,
email=sjhou@cn.
kingbright.com, c=<無>
日期︰2008.03.14
16:39:32 +08'00'


Similar Part No. - DUG13A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUG13C SUNLED-DUG13C Datasheet
180Kb / 4P
13.2mm(0.52) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - DUG13A

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC52-11SRWA KINGBRIGHT-SC52-11SRWA_1 Datasheet
128Kb / 4P
13.2mm(0.52INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DMR13A SUNLED-DMR13A Datasheet
180Kb / 4P
13.2mm(0.52) SINGLE DIGIT NUMERIC DISPLAY
DMR13C SUNLED-DMR13C Datasheet
180Kb / 4P
13.2mm(0.52) SINGLE DIGIT NUMERIC DISPLAY
DUR13A SUNLED-DUR13A Datasheet
179Kb / 4P
13.2mm(0.52) SINGLE DIGIT NUMERIC DISPLAY
DUG13C SUNLED-DUG13C Datasheet
180Kb / 4P
13.2mm(0.52) SINGLE DIGIT NUMERIC DISPLAY
DUY13A SUNLED-DUY13A Datasheet
178Kb / 4P
13.2mm(0.52?? SINGLE DIGIT NUMERIC DISPLAY
DUY13C SUNLED-DUY13C Datasheet
178Kb / 4P
13.2mm(0.52?? SINGLE DIGIT NUMERIC DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BS-A544RD BRIGHT-BS-A544RD Datasheet
239Kb / 3P
13.2mm(0.52) high single digit segments display
BS-C545RD BRIGHT-BS-C545RD Datasheet
161Kb / 3P
13.2mm(0.52) high single digit segments display
BT-A534RD BRIGHT-BT-A534RD Datasheet
294Kb / 3P
13.2mm(0.52) high single digit segments display
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com