Electronic Components Datasheet Search
  English  ▼

X  

STGP12NB60HD Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGP12NB60HD
Description  N-CHANNEL 12A - 600V TO-220 PowerMESH™ IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP12NB60HD Datasheet(HTML) 1 Page - STMicroelectronics

  STGP12NB60HD Datasheet HTML 1Page - STMicroelectronics STGP12NB60HD Datasheet HTML 2Page - STMicroelectronics STGP12NB60HD Datasheet HTML 3Page - STMicroelectronics STGP12NB60HD Datasheet HTML 4Page - STMicroelectronics STGP12NB60HD Datasheet HTML 5Page - STMicroelectronics STGP12NB60HD Datasheet HTML 6Page - STMicroelectronics STGP12NB60HD Datasheet HTML 7Page - STMicroelectronics STGP12NB60HD Datasheet HTML 8Page - STMicroelectronics STGP12NB60HD Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
July 2003
STGP12NB60HD
N-CHANNEL 12A - 600V TO-220
PowerMESH™ IGBT
s
HIGH INPUT IMPEDANCE
s
LOW ON-VOLTAGE DROP (Vcesat)
s
OFF LOSSES INCLUDE TAIL CURRENT
s
LOW GATE CHARGE
s
HIGH CURRENT CAPABILITY
s
VERY HIGH FREQUENCY OPERATION
s
CO-PACKAGED WITH TURBOSWITCHT
s
ANTIPARALLEL DIODE
DESCRIPTION
Using the latest high voltage technology based on a
patented strip layout, STMicroelectronics has de-
signed an advanced family of IGBTs, the Power-
MESH™ IGBTs, with outstanding perfomances.
The suffix "H" identifies a family optimized for high
frequency applications (up to 50kHz)in order to
achieve very high switching performances (reduced
tfall) mantaining a low voltage drop.
APPLICATIONS
s
HIGH FREQUENCY MOTOR CONTROLS
s
SMPS and PFC IN BOTH HARD SWITCH AND
RESONANT TOPOLOGIES
s
UPS
ABSOLUTE MAXIMUM RATINGS
( ) Pulsewidth limitedby safeoperating area
TYPE
VCES
VCE(sat)
IC
STGP12NB60HD
600 V
< 2.8 V12 A
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VGS =0)
600
V
VECR
Emitter-Collector Voltage
20
V
VGE
Gate-Emitter Voltage
± 20
V
IC
Collector Current (continuous) at TC =25°C
24
A
IC
Collector Current (continuous) at TC =100°C
12
A
ICM ( )
Collector Current (pulsed)
96
A
PTOT
Total Dissipation at TC = 25°C
100
W
Derating Factor
0.8
W/°C
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
TO-220
1
2
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STGP12NB60HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP12NB60H STMICROELECTRONICS-STGP12NB60H Datasheet
87Kb / 8P
N-CHANNEL 12A - 600V TO-220 PowerMESH IGBT
Jun-1999
More results

Similar Description - STGP12NB60HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP10NB60S STMICROELECTRONICS-STGP10NB60S Datasheet
85Kb / 8P
N-CHANNEL 10A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP12NB60H STMICROELECTRONICS-STGP12NB60H Datasheet
87Kb / 8P
N-CHANNEL 12A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP20NB60H STMICROELECTRONICS-STGP20NB60H Datasheet
86Kb / 8P
N-CHANNEL 20A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP20NB60K STMICROELECTRONICS-STGP20NB60K Datasheet
42Kb / 6P
N-CHANNEL 20A - 600V - TO-220 PowerMesh IGBT
Jun-2000
STGP3NB60H STMICROELECTRONICS-STGP3NB60H Datasheet
87Kb / 8P
N-CHANNEL 3A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP7NB60H STMICROELECTRONICS-STGP7NB60H Datasheet
86Kb / 8P
N-CHANNEL 7A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGW12NB60H STMICROELECTRONICS-STGW12NB60H Datasheet
86Kb / 8P
N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW12NB60HD STMICROELECTRONICS-STGW12NB60HD Datasheet
90Kb / 8P
N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGP7NB60FD STMICROELECTRONICS-STGP7NB60FD Datasheet
505Kb / 11P
N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT
Jun-2003
STGP7NB60M STMICROELECTRONICS-STGP7NB60M Datasheet
529Kb / 11P
N-CHANNEL 7A - 600V TO-220 / DPAK PowerMESH™ IGBT
Jun-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com