Electronic Components Datasheet Search
  English  ▼

X  

DUR07C Datasheet(PDF) 1 Page - SunLED Corporation

Part # DUR07C
Description  7.62mm (0.3") SINGLE DIGIT NUMERIC DISPLAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DUR07C Datasheet(HTML) 1 Page - SunLED Corporation

  DUR07C Datasheet HTML 1Page - SunLED Corporation DUR07C Datasheet HTML 2Page - SunLED Corporation DUR07C Datasheet HTML 3Page - SunLED Corporation DUR07C Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : FEB 29, 2008
Drawing No : SDSA2001
V3
Checked : Shin Chi
P.1/4
Part Number:
DUR07C
7.62mm (0.3") SINGLE DIGIT NUMERIC DISPLAY
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
DUR07C
Red
GaAsP/GaP
1900
8490
627
Common Cathode.Rt.Hand Decimal
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without noice
.
Features
● 0.3 INCH DIGIT HEIGHT.
●LOW CURRENT OPERATION.
● EXCELLENT CHARACTER APPEARANCE.
● EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
● I.C. COMPATIBLE.
● MECHANICALLY RUGGED.
● STANDARD: GRAY FACE, WHITE SEGMENT.
● RoHS COMPLIANT.
Absolute Maximum Ratings
(TA=25°C)
UR
(GaAsP/
GaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
160
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3~5 Seconds
UR
(GaAsP/GaP)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
1.9
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=10mA)
λ P
627
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=10mA)
λ D
625
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
Δλ
45
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)


Similar Part No. - DUR07C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUR07C2-1 SUNLED-DUR07C2-1 Datasheet
191Kb / 4P
7mm (0.28) DUAL DIGIT NUMERIC DISPLAY
DUR07C2-A SUNLED-DUR07C2-A Datasheet
189Kb / 4P
7.62mm (0.3) DUAL DIGIT NUMERIC DISPLAY
DUR07C4 SUNLED-DUR07C4 Datasheet
195Kb / 4P
7mm (0.28) FOUR DIGIT NUMERIC DISPLAY
More results

Similar Description - DUR07C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DMR07A SUNLED-DMR07A Datasheet
186Kb / 4P
7.62mm (0.3) SINGLE DIGIT NUMERIC DISPLAY
DMR07C2-A SUNLED-DMR07C2-A Datasheet
188Kb / 4P
7.62mm (0.3) DUAL DIGIT NUMERIC DISPLAY
DMR07C SUNLED-DMR07C Datasheet
184Kb / 4P
7.62mm (0.3) SINGLE DIGIT NUMERIC DISPLAY
DUG07A2-A SUNLED-DUG07A2-A Datasheet
189Kb / 4P
7.62mm (0.3) DUAL DIGIT NUMERIC DISPLAY
DUG07A SUNLED-DUG07A Datasheet
186Kb / 4P
7.62mm (0.3?? SINGLE DIGIT NUMERIC DISPLAY
DUG07C SUNLED-DUG07C Datasheet
183Kb / 4P
7.62mm (0.3) SINGLE DIGIT NUMERIC DISPLAY
DUR07A SUNLED-DUR07A Datasheet
186Kb / 4P
7.62mm (0.3) SINGLE DIGIT NUMERIC DISPLAY
DUY07A SUNLED-DUY07A Datasheet
189Kb / 4P
7.62mm (0.3?? SINGLE DIGIT NUMERIC DISPLAY
DUY07A2-A SUNLED-DUY07A2-A Datasheet
191Kb / 4P
7.62mm (0.3) DUAL DIGIT NUMERIC DISPLAY
DUY07C SUNLED-DUY07C Datasheet
184Kb / 4P
7.62mm (0.3) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com