Electronic Components Datasheet Search
  English  ▼

X  

EUY2770M Datasheet(PDF) 1 Page - SunLED Corporation

Part # EUY2770M
Description  8.89mmx8.89mm LED LIGHT BAR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

EUY2770M Datasheet(HTML) 1 Page - SunLED Corporation

  EUY2770M Datasheet HTML 1Page - SunLED Corporation EUY2770M Datasheet HTML 2Page - SunLED Corporation EUY2770M Datasheet HTML 3Page - SunLED Corporation EUY2770M Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : MAR 19, 2008
Drawing No : SDSA3888
V3
Checked : Shin Chi
P.1/4
Part Number:
EUY2770M
8.89mmx8.89mm LED LIGHT BAR
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
min.
typ.
EUY2770M
Yellow
GaAsP/GaP
White Diffused
10
49
590
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
Features
UNIFORM LIGHT EMITTING AREA.
LOW CURRENT OPERATION.
EASILY MOUNTED ON P.C. BOARDS.
FLUSH MOUNTABLE.
EXCELLENT ON/OFF CONTRAST.
CAN BE USED WITH PANELS AND LEGEND MOUNTS.
CATEGORIZED FOR LUMINOUS INTENSITY, YELLOW
AND GREEN CATEGORIZED FOR COLOR.
RoHS COMPLIANT.
UY
(GaAsP/GaP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.1
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
590
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
588
nm
Spectral Line Full Width At
Half-Maximum (Typ.)
(IF=20mA)
Δλ
35
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
20
pF
Operating Characteristics
(TA=25°C)
Absolute Maximum Ratings
(TA=25°C)
UY
(GaAsP/GaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
140
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3~5 Seconds


Similar Part No. - EUY2770M

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
EUY2700M SUNLED-EUY2700M Datasheet
186Kb / 4P
8.89mmx3.81mm LED LIGHT BAR
EUY2720M SUNLED-EUY2720M Datasheet
178Kb / 4P
8.89mmx3.81mm LED LIGHT BAR
EUY2735M SUNLED-EUY2735M Datasheet
177Kb / 4P
3.81mmx19.05mm LED LIGHT BAR
EUY2755M SUNLED-EUY2755M Datasheet
181Kb / 4P
8.89mmx8.89mm LED LIGHT BAR
EUY2785M SUNLED-EUY2785M Datasheet
176Kb / 4P
8.89mmx19.05mm LED LIGHT BAR
More results

Similar Description - EUY2770M

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB2755YW KINGBRIGHT-KB2755YW Datasheet
198Kb / 4P
8.89mmx8.89mm LED LIGHT BAR
KB2670EW KINGBRIGHT-KB2670EW Datasheet
199Kb / 4P
8.89mmx8.89mm LED LIGHT BAR
KB2770YW KINGBRIGHT-KB2770YW Datasheet
199Kb / 4P
8.89mmx8.89mm LED LIGHT BAR
KB2870SGD KINGBRIGHT-KB2870SGD Datasheet
198Kb / 4P
8.89mmx8.89mm LED LIGHT BAR
KB-G100SRW KINGBRIGHT-KB-G100SRW Datasheet
198Kb / 4P
8.89mmx8.89mm LED LIGHT BAR
logo
SunLED Corporation
EMRC100M SUNLED-EMRC100M Datasheet
179Kb / 4P
8.89mmx8.89mm LED LIGHT BAR
EUR2655M SUNLED-EUR2655M Datasheet
179Kb / 4P
8.89mmx8.89mm LED LIGHT BAR
logo
Kingbright Corporation
KB2770SYKW KINGBRIGHT-KB2770SYKW Datasheet
348Kb / 6P
8.89mmx8.89mm LED LIGHT BAR
KB2870CGKD KINGBRIGHT-KB2870CGKD Datasheet
351Kb / 6P
8.89mmx8.89mm LED LIGHT BAR
KB-C100SURKW KINGBRIGHT-KB-C100SURKW Datasheet
346Kb / 6P
8.89mmx8.89mm LED LIGHT BAR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com