Electronic Components Datasheet Search
  English  ▼

X  

LTC486 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC486
Description  Ultralow Power RS485 Transceiver with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC486 Datasheet(HTML) 7 Page - Linear Technology

  LTC486 Datasheet HTML 1Page - Linear Technology LTC486 Datasheet HTML 2Page - Linear Technology LTC486 Datasheet HTML 3Page - Linear Technology LTC486 Datasheet HTML 4Page - Linear Technology LTC486 Datasheet HTML 5Page - Linear Technology LTC486 Datasheet HTML 6Page - Linear Technology LTC486 Datasheet HTML 7Page - Linear Technology LTC486 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LTC1481
1481fa
Low Power Operation
The LTC1481 is designed to operate with a quiescent
current of 120
µA max. With the driver in three-state, ICC
will drop to this 120
µA level. With the driver enabled there
will be additional current drawn by the internal 12k resis-
tor. Under normal operating conditions this additional
current is overshadowed by the current drawn by the
external bus impedance.
Shutdown Mode
Both the receiver output (RO) and the driver outputs (A, B)
can be placed in three-state mode by bringing RE high and
DE low respectively. In addition, the LTC1481 will enter
shutdown mode when RE is high and DE is low.
In shutdown the LTC1481 typically draws only 1
µA of
supply current. In order to guarantee that the part goes
into shutdown, DE must be low and RE must be high for
at least 600ns simultaneously. If this time duration is less
than 50ns the part will not enter shutdown mode. Toggling
either RE or DE will wake the LTC1481 back up within
3.5
µs.
Propagation Delay
Many digital encoding schemes are dependent upon the
difference in the propagation delay times of the driver and
receiver. Figure 11 shows the test circuit for the LTC1481
propagation delay.
The receiver delay times are:
tPLH – tPHL= 13ns Typ, VCC = 5V
The drivers skew times are:
Skew = 5ns Typ, VCC = 5V
10ns Max, VCC = 5V, TA = – 40°C to 85°C
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of circuits as described herein will not infringe on existing patent rights.
D
R
RECEIVER
OUT
R
54
Ω
100pF
100pF
TTL IN
tr, tf < 6ns
LTC1481 • F11
Figure 11. Receiver Propagation Delay Test Circuit
LOGIC
VCC
SD3
P1
D1
OUTPUT
SD4
D2
N1
LTC1481 • F09
ESD
LOGIC
VCC
P1
D1
OUTPUT
D2
N1
LTC1481 • F10
Figure 9. LTC1481 Output Stage
Figure 10. Conventional CMOS Output Stage
The LTC1481 output stage will maintain a high impedance
state until the breakdown of the N-channel or P-channel is
reached when going positive or negative respectively. The
output will be clamped to either VCC or ground by a Zener
voltage plus a Schottky diode drop, but this voltage is well
beyond the RS485 operating range. Because the ESD
injected current in the N-well or substrate consists of
majority carriers, latch-up is prevented by careful layout
techniques. An ESD cell protects output against multiple
10kV human body model ESD strikes.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com