Electronic Components Datasheet Search
  English  ▼

X  

LTC490 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC490
Description  Ultralow Power RS485 Transceiver with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC490 Datasheet(HTML) 5 Page - Linear Technology

  LTC490 Datasheet HTML 1Page - Linear Technology LTC490 Datasheet HTML 2Page - Linear Technology LTC490 Datasheet HTML 3Page - Linear Technology LTC490 Datasheet HTML 4Page - Linear Technology LTC490 Datasheet HTML 5Page - Linear Technology LTC490 Datasheet HTML 6Page - Linear Technology LTC490 Datasheet HTML 7Page - Linear Technology LTC490 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1481
1481fa
Figure 6. Driver Enable and Disable Times
1.5V
2.3V
2.3V
tZH(SHDN), tZH
tZL(SHDN), tZL
1.5V
tLZ
0.5V
0.5V
tHZ
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
3V
0V
DE
5V
VOL
VOH
0V
A, B
A, B
LTC1481 • F06
f = 1MHz, tr ≤ 10ns, tf ≤ 10ns
Figure 5. Driver Propagation Delays
DI
3V
1.5V
tPLH
tr
tSKEW
1/2 VO
VO
f = 1MHz, tr ≤ 10ns, tf ≤ 10ns
90%
10%
0V
B
A
VO
–VO
0V
90%
1.5V
tPHL
tSKEW
1/2 VO
10%
tf
VDIFF = V(A) – V(B)
LTC1481 • F05
OUTPUT
UNDER TEST
CL
S1
S2
VCC
500
Ω
LTC1481 • F04
3V
DE
A
B
DI
RDIFF
CL1
CL2
RO
15pF
A
B
RE
LTC1481 • F03
VOD
A
B
R
R
VOC
LTC1481 • F01
RECEIVER
OUTPUT
CRL
1k
S1
S2
TEST POINT
VCC
1k
LTC1481 • F02
Figure 2. Receiver Timing Test Load
Figure 4. Driver Timing Test Load
Figure 1. Driver DC Test Load
Figure 3. Driver/Receiver Timing Test Circuit
TEST CIRCUITS
SWITCHI G TI E WAVEFOR S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com