Electronic Components Datasheet Search
  English  ▼

X  

ADMCF326 Datasheet(PDF) 16 Page - Analog Devices

Part # ADMCF326
Description  28-Lead Flash Memory DSP Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF326 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADMCF326 Datasheet HTML 12Page - Analog Devices ADMCF326 Datasheet HTML 13Page - Analog Devices ADMCF326 Datasheet HTML 14Page - Analog Devices ADMCF326 Datasheet HTML 15Page - Analog Devices ADMCF326 Datasheet HTML 16Page - Analog Devices ADMCF326 Datasheet HTML 17Page - Analog Devices ADMCF326 Datasheet HTML 18Page - Analog Devices ADMCF326 Datasheet HTML 19Page - Analog Devices ADMCF326 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ADMCF326
–16–
REV. 0
same time. In the control of an ECM, one inverter leg (Phase C
in this example) is disabled for a number of PWM cycles. This
disable may be implemented by disabling both the CH and CL
PWM outputs by setting Bits 0 and 1 of the PWMSEG register.
This is illustrated in Figure 9, where it can be seen that both
the AH and BL signals are identical, because PWMCHA =
PWMCHB, and the crossover bit for Phase B is set. In addition,
the other four signals (AL, BH, CH, and CL) have been disabled
by setting the appropriate enable/disable bits of the PWMSEG
register. For the situation illustrated in Figure 9, the appropriate
value for the PWMSEG register is 0x00A7. In ECM operation,
because each inverter leg is disabled for certain periods of time,
the PWMSEG register is changed based upon the position of
the rotor shaft (motor commutation).
AH
AL
BH
BL
CH
CL
PWMTM
PWMTM
PWMCHA
= PWMCHB
PWMCHA
= PWMCHB
2
PWMDT
2
PWMDT
Figure 9. An example of PWM signals suitable for ECM
control. PWMCHA = PWMCHB, BH/BL are a crossover pair.
AL, BH, CH, and CL outputs are disabled. Operation is in
single update mode.
Gate Drive Unit: PWMGATE Register
The gate drive unit of the PWM controller adds features that
simplify the design of isolated gate drive circuits for PWM
inverters. If a transformer-coupled power device gate drive ampli-
fier is used, the active PWM signal must be chopped at a high
frequency. The PWMGATE register allows the programming of
this high frequency chopping mode. The chopped active PWM
signals may be required for the high-side drivers only, for the
low-side drivers only, or for both the high-side and low-side
switches. Therefore, independent control of this mode for both
high- and low-side switches is included with two separate control
bits in the PWMGATE register.
Typical PWM output signals with high-frequency chopping
enabled on both high-side and low-side signals are shown in
Figure 10. Chopping of the high-side PWM outputs (AH, BH
and CH) is enabled by setting Bit 8 of the PWMGATE register.
Chopping of the low-side PWM outputs (AL, BL, and CL) is
enabled by setting Bit 9 of the PWMGATE register. The high
chopping frequency is controlled by the 8-bit word (GDCLK)
written to Bits 0 to 7 of the PWMGATE register. The period
and the frequency of this high frequency carrier are:
T
GDCLK
t
f
f
GDCLK
CHOP
CK
CHOP
CLKOUT
=×
+
()
[]×
=
×+
()
[]
41
41
The GDCLK value may range from 0 to 255, corresponding
to a programmable chopping frequency rate from 19.5 kHz to
5 MHz for a 20 MHz CLKOUT rate. The gate drive features
must be programmed before operation of the PWM controller
and typically are not changed during normal operation of the
PWM controller. Following a reset, by default, all bits of the
PWMGATE register are cleared so that high frequency chopping
is disabled.
PWMTM
PWMTM
[4
(GDCLK+1)
tCK]
2
PWMDT
2
PWMDT
PWMCHA
PWMCHA
Figure 10. Typical PWM signals with high frequency gate
chopping enabled on both high-side and low-side switches
(GDCLK is the integer equivalent of the value in Bits 0 to 7
of the PWMGATE register.)
PWM Shutdown
In the event of external fault conditions, it is essential that the
PWM system be instantaneously shut down. Two methods of
sensing a fault condition are provided by the ADMCF326. For
the first method, a low level on the
PWMTRIP pin initiates
an instantaneous, asynchronous (independent of DSP clock)
shutdown of the PWM controller. This places all six PWM
outputs in the OFF state, disables the PWMSYNC pulse and
associated interrupt signal, and generates a
PWMTRIP interrupt
signal. The
PWMTRIP pin has an internal pull-down resistor so
that even if the pin becomes disconnected, the PWM outputs will
be disabled. The state of the
PWMTRIP pin can be read from
bit 0 of the SYSSTAT register.
It is possible through software to initiate a PWM shutdown by
writing to the 1-bit read/write PWMSWT register (0x2061).
Writing to this bit generates a PWM shutdown in a manner
identical to the
PWMTRIP pin. Following a PWM shutdown,
it is possible to determine if the shutdown was generated from
hardware or software by reading the same PWMSWT register.
Reading this register also clears it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com