Electronic Components Datasheet Search
  English  ▼

X  

AP1502S Datasheet(PDF) 4 Page - Anachip Corp

Part # AP1502S
Description  200KHZ, 2A PWM BUCK DC/DC CONVERTER & 1 LINEAR CTRL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1502S Datasheet(HTML) 4 Page - Anachip Corp

  AP1502S Datasheet HTML 1Page - Anachip Corp AP1502S Datasheet HTML 2Page - Anachip Corp AP1502S Datasheet HTML 3Page - Anachip Corp AP1502S Datasheet HTML 4Page - Anachip Corp AP1502S Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image

  
!"#$
  
     !!
(#$
!
    !   "  %
"    #$#%&'()**
 
 
  





A",8
>GG6
& #G;G #
 
 &
 



#& #<H
#& ##<H
η
3**,,.
E ;E #
  00*
77
%
 
 
>GG6
& #G;G #

 
7



#& 
η
3**,,.
E ;E #
77
%
 
 
7&GG6
& #G;G #
>I&
&



#& 
η
3**,,.
E ;E #
6>
%
 
 
GG6
& #G;G #

7
  



#&  
η
3**,,.
E;E #
I
%
!
 &'      











 
















Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com