Electronic Components Datasheet Search
  English  ▼

X  

ISO721M-EP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO721M-EP
Description  3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO721M-EP Datasheet(HTML) 2 Page - Texas Instruments

  ISO721M-EP Datasheet HTML 1Page - Texas Instruments ISO721M-EP Datasheet HTML 2Page - Texas Instruments ISO721M-EP Datasheet HTML 3Page - Texas Instruments ISO721M-EP Datasheet HTML 4Page - Texas Instruments ISO721M-EP Datasheet HTML 5Page - Texas Instruments ISO721M-EP Datasheet HTML 6Page - Texas Instruments ISO721M-EP Datasheet HTML 7Page - Texas Instruments ISO721M-EP Datasheet HTML 8Page - Texas Instruments ISO721M-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
_
+
+
_
Vref
OSC
+
PWM
BIAS
POR
ISO722
Only
Filter
PulseWidth
Demodulation
CarrierDetect
_
+
_
+
Input
+
Filter
DataMUX
ACDetect
3-State
OutputBuffer
IN
EN
IsolationBarrier
DCChannel
ACChannel
FUNCTION DIAGRAM
OUT
Vref
POR
ISO721M-EP
SLLS882 – JUNE 2008....................................................................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The symmetry of the dielectric and capacitor within the integrated circuitry provides for close capacitive matching,
and allows fast transient voltage changes between the input and output grounds without corrupting the output.
The small capacitance and resulting time constant provide for fast operation with signaling rates(2) from 0 Mbps
(dc) to 100 Mbps for the ISO721/ISO722, and 0 Mbps to 150 Mbps with the ISO721M/ISO722M.
These devices require two supply voltages of 3.3 V, 5 V, or any combination. All inputs are 5-V tolerant when
supplied from a 3.3-V supply and all outputs are 4-mA CMOS.
The ISO721 has TTL input thresholds and a noise-filter at the input that prevents transient pulses of up to 2 ns in
duration from being passed to the output of the device.
The ISO721M has CMOS VCC/2 input thresholds, but do not have the noise filter and the additional propagation
delay. These features of the ISO721M also provide for reduced jitter operation.
The ISO721M is characterized for operation over the ambient temperature range of –55°C to 125°C.
(2)
The signaling rate of a line is the number of voltage transitions that are made per second expressed in the units bps (bits per second).
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ISO721M-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com