Electronic Components Datasheet Search
  English  ▼

X  

IL710 Datasheet(PDF) 15 Page - Texas Instruments

Part # IL710
Description  3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

IL710 Datasheet(HTML) 15 Page - Texas Instruments

Back Button IL710 Datasheet HTML 11Page - Texas Instruments IL710 Datasheet HTML 12Page - Texas Instruments IL710 Datasheet HTML 13Page - Texas Instruments IL710 Datasheet HTML 14Page - Texas Instruments IL710 Datasheet HTML 15Page - Texas Instruments IL710 Datasheet HTML 16Page - Texas Instruments IL710 Datasheet HTML 17Page - Texas Instruments IL710 Datasheet HTML 18Page - Texas Instruments IL710 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
TYPICAL CHARACTERISTICS
0
1
2
3
4
5
6
7
8
9
10
0
25
50
75
100
SignalingRate(Mbps)
V
=3.3V,
T
CC1
V
=3.3V,
=25 C,
C
=15pF
CC2
A
L
o
ICC2
ICC1
0
1
2
3
4
5
6
7
8
9
15
10
11
12
13
14
0
25
50
75
100
SignalingRate(Mbps)
V
=5V,
T
CC1
V
=5V,
=25 C,
C
=15pF
CC2
A
L
o
ICC2
ICC1
0
5
10
15
20
25
30
-40
-25
-10
5
20
35
50
65
80
95
110
125
T
Free-AirTemperature
C
A
o
−
−
V
=3.3V,
CC1
V
=3.3V,
C
=15pF,
AirFlowat7cf/m
CC2
L
tPLH
tPLH
tPHL
tPHL
ISO72x
ISO72xM
0
4
2
6
8
10
12
14
16
18
20
-40
-25
-10
5
20
35
50
65
80
95
110
125
T
Free-AirTemperature
C
A
o
−
−
V
=5V,
CC1
V
=5V,
C
=15pF,
AirFlowat7cf/m
CC2
L
tPLH
tPLH
tPHL
tPHL
ISO72x
ISO72xM
1
1.1
1.05
1.15
1.2
1.25
1.3
1.35
1.4
-40
-25
-10
5
20
35
50
65
80
95
110
125
T
Free-AirTemperature
C
A
o
−
−
AirFlowat7cf/m
5-V(V
)
IT+
5-V(V
)
IT-
3.3-V(V
)
IT+
3.3-V(V
)
IT-
1.4
1.7
1.6
1.5
1.8
1.9
2.1
2
2.2
2.3
2.4
2.5
-40
-25
-10
5
20
35
50
65
80
95
110
125
T
Free-AirTemperature
C
A
o
−
−
5-V(V
)
IT+
5-V(V
)
IT-
AirFlowat7cf/m
3.3-V(V
)
IT-
3.3-V(V
)
IT+
ISO721M-EP
www.ti.com....................................................................................................................................................................................................... SLLS882 – JUNE 2008
RMS SUPPLY CURRENT vs SIGNALING RATE
RMS SUPPLY CURRENT vs SIGNALING RATE
Figure 8.
Figure 9.
PROPAGATION DELAY vs FREE-AIR TEMPERATURE
PROPAGATION DELAY vs FREE-AIR TEMPERATURE
Figure 10.
Figure 11.
ISO72x INPUT THRESHOLD VOLTAGE vs
ISO72xM INPUT THRESHOLD VOLTAGE vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 12.
Figure 13.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): ISO721M-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com