Electronic Components Datasheet Search
  English  ▼

X  

AM29F400B Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # AM29F400B
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400B Datasheet(HTML) 4 Page - Advanced Micro Devices

  AM29F400B Datasheet HTML 1Page - Advanced Micro Devices AM29F400B Datasheet HTML 2Page - Advanced Micro Devices AM29F400B Datasheet HTML 3Page - Advanced Micro Devices AM29F400B Datasheet HTML 4Page - Advanced Micro Devices AM29F400B Datasheet HTML 5Page - Advanced Micro Devices AM29F400B Datasheet HTML 6Page - Advanced Micro Devices AM29F400B Datasheet HTML 7Page - Advanced Micro Devices AM29F400B Datasheet HTML 8Page - Advanced Micro Devices AM29F400B Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Am29F400B
3
TABLE OF CONTENTS
Product Selector Guide . . . . . . . . . . . . . . . . . . . . . 4
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Connection Diagrams . . . . . . . . . . . . . . . . . . . . . . 5
Pin Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Logic Symbol . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 7
Device Bus Operations . . . . . . . . . . . . . . . . . . . . . 8
Table 1. Am29F400B Device Bus Operations .................................. 8
Word/Byte Configuration .......................................................... 8
Requirements for Reading Array Data ..................................... 8
Writing Commands/Command Sequences .............................. 8
Program and Erase Operation Status ...................................... 9
Standby Mode .......................................................................... 9
RESET#: Hardware Reset Pin ................................................. 9
Output Disable Mode ................................................................ 9
Table 2. Am29F400BT Top Boot Block Sector Address Table ....... 10
Table 3. Am29F400BB Bottom Boot Block Sector Address Table.. 10
Autoselect Mode ..................................................................... 10
Table 4. Am29F400B Autoselect Codes (High Voltage Method) .... 11
Sector Protection/Unprotection ............................................... 11
Temporary Sector Unprotect .................................................. 11
Figure 1. Temporary Sector Unprotect Operation........................... 11
Hardware Data Protection ...................................................... 12
Low VCC Write Inhibit...................................................................... 12
Write Pulse “Glitch” Protection ........................................................ 12
Logical Inhibit .................................................................................. 12
Power-Up Write Inhibit .................................................................... 12
Command Definitions . . . . . . . . . . . . . . . . . . . . . 13
Reading Array Data ................................................................ 13
Reset Command ..................................................................... 13
Autoselect Command Sequence ............................................ 13
Word/Byte Program Command Sequence ............................. 13
Figure 2. Program Operation .......................................................... 14
Chip Erase Command Sequence ........................................... 14
Sector Erase Command Sequence ........................................ 14
Erase Suspend/Erase Resume Commands ........................... 16
Figure 3. Erase Operation............................................................... 16
Table 5. Am29F400B Command Definitions................................... 17
Write Operation Status . . . . . . . . . . . . . . . . . . . . 18
DQ7: Data# Polling ................................................................. 18
Figure 4. Data# Polling Algorithm ................................................... 18
RY/BY#: Ready/Busy# ........................................................... 19
DQ6: Toggle Bit I .................................................................... 19
DQ2: Toggle Bit II ................................................................... 19
Reading Toggle Bits DQ6/DQ2 .............................................. 19
DQ5: Exceeded Timing Limits ................................................ 20
DQ3: Sector Erase Timer ....................................................... 20
Figure 5. Toggle Bit Algorithm......................................................... 20
Table 6. Write Operation Status...................................................... 21
Absolute Maximum Ratings. . . . . . . . . . . . . . . . . 22
Figure 6. Maximum Negative Overshoot Waveform ...................... 22
Figure 7. Maximum Positive Overshoot Waveform........................ 22
Operating Ranges . . . . . . . . . . . . . . . . . . . . . . . . . 22
DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 23
TTL/NMOS Compatible .......................................................... 23
CMOS Compatible .................................................................. 24
Test Conditions. . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 8. Test Setup....................................................................... 25
Table 7. Test Specifications ........................................................... 25
Key to Switching Waveforms. . . . . . . . . . . . . . . . 25
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 26
Read Operations .................................................................... 26
Figure 9. Read Operations Timings ............................................... 26
Hardware Reset (RESET#) .................................................... 27
Figure 10. RESET# Timings .......................................................... 27
Word/Byte Configuration (BYTE#)
...................................... 28
Figure 11. BYTE# Timings for Read Operations............................ 28
Figure 12. BYTE# Timings for Write Operations............................ 28
Erase/Program Operations ..................................................... 29
Figure 13. Program Operation Timings.......................................... 30
Figure 14. Chip/Sector Erase Operation Timings .......................... 31
Figure 15. Data# Polling Timings (During Embedded Algorithms). 32
Figure 16. Toggle Bit Timings (During Embedded Algorithms)...... 32
Figure 17. DQ2 vs. DQ6................................................................. 33
Temporary Sector Unprotect .................................................. 33
Figure 18. Temporary Sector Unprotect Timing Diagram .............. 33
Alternate CE# Controlled Erase/Program Operations ............ 34
Figure 19. Alternate CE# Controlled Write Operation Timings ...... 35
Erase and Programming Performance . . . . . . . . 36
Latchup Characteristics . . . . . . . . . . . . . . . . . . . . 36
TSOP and SO Pin Capacitance . . . . . . . . . . . . . . 36
Data Retention. . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 37
TS 048—48-Pin Standard Thin Small Outline Package ......... 37
TSR048—48-Pin Reverse Thin Small Outline Package ......... 38
SO 044—44-Pin Small Outline Package ................................ 39
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 40
Revision A (August 1997) ....................................................... 40
Revision B (October 1997) ..................................................... 40
Revision C (January 1998) ..................................................... 40
Revision C+1 (February 1998) ............................................... 40
Revision C+2 (April 1998) ....................................................... 40
Revision C+3 (June 1998) ...................................................... 40
Revision C+4 (August 1998) ................................................... 41
Revision D (January 1999) ..................................................... 41
Revision D+1 (July 2, 1999) ................................................... 41
Revision E (November 15, 1999) ............................................ 41
Revision E+1 (November 30, 2000) ....................................... 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com