Electronic Components Datasheet Search
  English  ▼

X  

GP7NB60KD Datasheet(PDF) 1 Page - STMicroelectronics

Part # GP7NB60KD
Description  N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GP7NB60KD Datasheet(HTML) 1 Page - STMicroelectronics

  GP7NB60KD Datasheet HTML 1Page - STMicroelectronics GP7NB60KD Datasheet HTML 2Page - STMicroelectronics GP7NB60KD Datasheet HTML 3Page - STMicroelectronics GP7NB60KD Datasheet HTML 4Page - STMicroelectronics GP7NB60KD Datasheet HTML 5Page - STMicroelectronics GP7NB60KD Datasheet HTML 6Page - STMicroelectronics GP7NB60KD Datasheet HTML 7Page - STMicroelectronics GP7NB60KD Datasheet HTML 8Page - STMicroelectronics GP7NB60KD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
May 2004
STGP7NB60KD - STGB7NB60KD
STGP7NB60KDFP
N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK
SHORT CIRCUIT RATED PowerMESH™ IGBT
s
HIGH INPUT IMPEDANCE (VOLTAGE DRIVEN)
s
LOW ON-VOLTAGE DROP (Vcesat)
s
LOW GATE CHARGE
s
HIGH CURRENT CAPABILITY
s
OFF LOSSES INCLUDE TAIL CURRENT
s
HIGH FREQUENCY OPERATION
s
SHORT CIRCUIT RATED
s
CO-PACKAGED WITH TURBOSWITCH™
ANTIPARALLEL DIODE
DESCRIPTION
Using the latest high voltage technology based on a
patented strip layout, STMicroelectronics has de-
signed an advanced family of IGBTs, the Power-
MESH™ IGBTs, with outstanding performances.
The suffix “K” identifies a family optimized for high
frequency motor control applications with short cir-
cuit withstand capability.
APPLICATIONS
s
HIGH FREQUENCY MOTOR CONTROLS
s
SMPS AND PFC IN BOTH HARD SWITCH AND
RESONANT TOPOLOGIES
ORDER CODES
TYPE
VCES
VCE(sat)
IC
STGP7NB60KD
STGP7NB60KDFP
STGB7NB60KD
600 V
600 V
600 V
<2.8 V
<2.8 V
<2.8 V
7A
7A
7A
PART NUMBER
MARKING
PACKAGE
PACKAGING
STGP7NB60KD
GP7NB60KD
TO-220
TUBE
STGB7NB60KDT4
GB7NB60KD
D2PAK
TAPE & REEL
STGP7NB60KDFP
GP7NB60KDFP
TO-220FP
TUBE
TO-220
1
2
3
1
2
3
TO-220FP
1
3
D²PAK
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - GP7NB60KD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GP7NB60K STMICROELECTRONICS-GP7NB60K Datasheet
341Kb / 15P
N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
26-Jan-2007
GP7NB60K STMICROELECTRONICS-GP7NB60K Datasheet
341Kb / 15P
N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
26-Jan-2007
More results

Similar Description - GP7NB60KD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP14NC60KD STMICROELECTRONICS-STGP14NC60KD Datasheet
456Kb / 14P
N-CHANNEL 14A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH IGBT
22-Jul-2005
STGP10NC60KD STMICROELECTRONICS-STGP10NC60KD Datasheet
379Kb / 17P
N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH IGBT
01-Mar-2006
STGB3NB60KD STMICROELECTRONICS-STGB3NB60KD Datasheet
326Kb / 12P
N-CHANNEL 6A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT PROOF PowerMESH TM IGBT
Mar-2004
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD Datasheet
406Kb / 17P
N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
31-Jul-2006
STGB10NC60K STMICROELECTRONICS-STGB10NC60K_07 Datasheet
599Kb / 17P
N-channel 600V - 10A - D2PAK / TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
08-Feb-2007
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_06 Datasheet
833Kb / 17P
N-channel 14A - 600V - TO-220 - TO-220FP - D2PAK Short circuit rated PowerMESH TM IGBT
28-Apr-2006
STGD7NB60K STMICROELECTRONICS-STGD7NB60K_07 Datasheet
341Kb / 15P
N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
26-Jan-2007
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_07 Datasheet
526Kb / 17P
N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
08-Feb-2007
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH™ IGBT
28-Feb-2005
STGP7NB60K STMICROELECTRONICS-STGP7NB60K_07 Datasheet
341Kb / 15P
N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
26-Jan-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com