Electronic Components Datasheet Search
  English  ▼

X  

SN74AS8003 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74AS8003
Description  DUAL 2-INPUT POSITIVE-NAND GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS8003 Datasheet(HTML) 2 Page - Texas Instruments

  SN74AS8003 Datasheet HTML 1Page - Texas Instruments SN74AS8003 Datasheet HTML 2Page - Texas Instruments SN74AS8003 Datasheet HTML 3Page - Texas Instruments SN74AS8003 Datasheet HTML 4Page - Texas Instruments SN74AS8003 Datasheet HTML 5Page - Texas Instruments SN74AS8003 Datasheet HTML 6Page - Texas Instruments SN74AS8003 Datasheet HTML 7Page - Texas Instruments SN74AS8003 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SN74AS8003
DUAL 2-INPUT POSITIVE-NAND GATE
SDAS305 – OCTOBER 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range†
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods can affect device reliability.
recommended operating conditions (see Note 1)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–2
mA
IOL
Low-level output current
20
mA
TA
Operating free-air temperature
0
70
°C
NOTE 1: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = –2 mA
VCC–2
V
VOL
VCC = 4.5 V,
IOL = 20 mA
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
–0.5
mA
IO§
VCC = 5.5 V,
VO = 2.25 V
–30
–112
mA
ICCH
VCC = 5.5 V,
VI = 0 V
1
1.6
mA
ICCL
VCC = 5.5 V,
VI = 4.5 V
3.5
8.7
mA
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
switching characteristics over recommended operating conditions (unless otherwise noted)
(see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
tPLH
AorB
Y
1
4.5
ns
tPHL
A or B
Y
1
4
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com