Electronic Components Datasheet Search
  English  ▼

X  

STGW20NB60K Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGW20NB60K
Description  N-CHANNEL 20A - 600V - TO-247 SHORT CIRCUIT PROOF PowerMESH™ IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW20NB60K Datasheet(HTML) 2 Page - STMicroelectronics

  STGW20NB60K Datasheet HTML 1Page - STMicroelectronics STGW20NB60K Datasheet HTML 2Page - STMicroelectronics STGW20NB60K Datasheet HTML 3Page - STMicroelectronics STGW20NB60K Datasheet HTML 4Page - STMicroelectronics STGW20NB60K Datasheet HTML 5Page - STMicroelectronics STGW20NB60K Datasheet HTML 6Page - STMicroelectronics STGW20NB60K Datasheet HTML 7Page - STMicroelectronics STGW20NB60K Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STGW20NB60K
2/8
THERMAL DATA
ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
OFF
ON (1)
DYNAMIC
SWITCHING ON
Rthj-case
Thermal Resistance Junction-case Max
0.83
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
62.5
°C/W
Rthc-h
Thermal Resistance Case-heatsink Typ
0.5
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VBR(CES)
Collectro-Emitter Breakdown
Voltage
IC = 250 µA, VGE =0
600
V
ICES
Collector cut-off
(VGE =0)
VCE = Max Rating, TC =25 °C
10
µA
VCE = Max Rating, TC = 125 °C
100
µA
IGES
Gate-Emitter Leakage
Current (VCE =0)
VGE =±20V,VCE =0
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGE(th)
Gate Threshold Voltage
VCE =VGE,IC = 250µA
57
V
VCE(sat)
Collector-Emitter Saturation
Voltage
VGE =15V, IC =20A
2.3
2.8
V
VGE = 15V, IC = 20 A, Tj =125°C
1.9
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs
Forward Transconductance
VCE =25V , IC =20 A
8S
Cies
Input Capacitance
VCE = 25V,f= 1MHz,VGE =0
1300
pF
Coes
Output Capacitance
200
pF
Cres
Reverse Transfer
Capacitance
30
pF
Qg
Total Gate Charge
VCE = 480V, IC =20 A,
VGE =15V
90
nC
Qge
Gate-Emitter Charge
T.B.D.
nC
Qgc
Gate-Collector Charge
T.B.D.
nC
tscw
Short Circuit Withstand Time
Vce = 0.5 BVces , VGE =15 V,
Tj = 125°C , RG =10 Ω
10
µs
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VCC =480 V, IC =20 A
RG =10Ω ,VGE =15V
20
ns
tr
Rise Time
70
ns
(di/dt)on
Turn-on Current Slope
VCC= 480 V, IC =20 A RG=10Ω
VGE = 15 V,Tj = 125°C
350
A/µs
Eon
Turn-on Switching Losses
300
µJ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com