Electronic Components Datasheet Search
  English  ▼

X  

STGW50NB60H Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGW50NB60H
Description  N-CHANNEL 50A - 600V TO-247 PowerMESH IGBT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW50NB60H Datasheet(HTML) 2 Page - STMicroelectronics

  STGW50NB60H Datasheet HTML 1Page - STMicroelectronics STGW50NB60H Datasheet HTML 2Page - STMicroelectronics STGW50NB60H Datasheet HTML 3Page - STMicroelectronics STGW50NB60H Datasheet HTML 4Page - STMicroelectronics STGW50NB60H Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Rthc-h
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-heatsink
Typ
0.5
30
0.1
oC/W
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tj = 25
oC unless otherwise specified)
OFF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VBR(CES)
Collector-Emitter
Breakdown Voltage
IC = 250
µA
VGE = 0
600
V
ICES
Collector cut-off
(VGE = 0)
VCE = Max Rating
Tj =
25
oC
VCE = Max Rating
Tj = 125
o C
10
100
µA
µA
IGES
Gate-Emitter Leakage
Current (VCE = 0)
VGE =
± 20 V
VCE = 0
± 100
nA
ON (
∗)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGE(th)
Gate Threshold
Voltage
VCE = VGE
IC = 250
µA3
5
V
VCE(SAT)
Collector-Emitter
Saturation Voltage
VGE = 15 V
IC = 50 A
VGE = 15 V
IC = 50 A
Tj = 125
oC
2.3
1.9
2.8
V
V
DYNAMIC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs
Forward
Transconductance
VCE =25 V
IC = 50 A
22
S
Cies
Coes
Cres
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VCE = 25 V
f = 1 MHz
VGE = 0
4500
450
90
pF
pF
pF
QG
QGE
QGC
Total Gate Charge
Gate-Emitter Charge
Gate-Collector Charge
VCE = 480 V
IC = 50 A
VGE = 15 V
260
28
115
nC
nC
nC
ICL
Latching Current
Vclamp = 480 V
RG=10
Ω
VGE = 15 V
Tj = 150
oC
200
A
SWITCHING ON
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Delay Time
Rise Time
VCC = 480 V
IC = 50 A
VGE= 15 V
RG = 10
Ω
30
90
ns
ns
(di/dt)on
Eon
Turn-on Current Slope
Turn-on
Switching Losses
VCC = 480 V
IC = 50 A
RG = 10
Ω
VGE = 15 V
Tj = 125
oC
350
600
A/
µs
µJ
STGW50NB60H
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com