Electronic Components Datasheet Search
  English  ▼

X  

DUY100C Datasheet(PDF) 1 Page - SunLED Corporation

Part # DUY100C
Description  100mm (4.0) SINGLE DIGIT NUMERIC DISPLAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DUY100C Datasheet(HTML) 1 Page - SunLED Corporation

  DUY100C Datasheet HTML 1Page - SunLED Corporation DUY100C Datasheet HTML 2Page - SunLED Corporation DUY100C Datasheet HTML 3Page - SunLED Corporation DUY100C Datasheet HTML 4Page - SunLED Corporation DUY100C Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.SunLED.com
Published Date : MAR 12,2008
Drawing No : SDSA2200
V3
Checked : Shin Chi
P.1/5
Part Number:
DUY100C
100mm (4.0") SINGLE DIGIT NUMERIC DISPLAY
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
DUY100C
Yellow
GaAsP/GaP
8000
25990
590
Common Cathode, Rt. Hand Decimal
Features
● LARGE SIZE.
● 4.0 INCH DIGIT HEIGHT.
● LOW CURRENT OPERATION.
● EXCELLENT CHARACTER APPEARANCE.
● HIGH LIGHT OUTPUT.
● EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
● I.C. COMPATIBLE.
● MECHANICALLY RUGGED.
● STANDARD : GRAY FACE, WHITE SEGMENT.
●RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice
.
UY
(GaAsP/GaP)
Unit
Forward Voltage (Typ.)
Per Segment Or (Dp)
(IF=10mA)
VF
7.8
(3.9)
V
Forward Voltage (Max.)
Per Segment Or (Dp)
(IF=10mA)
VF
10.0
(5.0)
V
Reverse Current
Per Segment Or (Dp) (Max.)
(VR=20(10)V)
IR
20
(10)
uA
Wavelength Of Peak
Emission (Typ.) (IF=10mA)
λ P
590
nm
Wavelength Of Dominant
Emission (Typ.) (IF=10mA)
λ D
588
nm
Spectral Line Full Width At
Half-Maximum (Typ.) (IF=10mA)
Δλ
35
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
20
pF
Operating Characteristics
(TA=25°C)
Absolute maximum ratings
(TA=25°C)
UY
(GaAsP/GaP)
Unit
Reverse Voltage
Per Segment Or (Dp)
VR
20
(10)
V
Forward Current
Per Segment Or (Dp)
IF
60
(30)
mA
Forward Current (Peak)
Per Segment Or (Dp)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
280
(140)
mA
Power Dissipation
Per Segment Or (Dp)
PT
600
(150)
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3~5 Seconds
R.CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用, ou=SPEC
專用, email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.03.13
19:53:51 +08'00'


Similar Part No. - DUY100C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUY100C-A SUNLED-DUY100C-A Datasheet
210Kb / 5P
100mm (4.0) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - DUY100C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUR100A SUNLED-DUR100A Datasheet
220Kb / 5P
100mm (4.0") SINGLE DIGIT NUMERIC DISPLAY
DUR100A-A SUNLED-DUR100A-A Datasheet
220Kb / 5P
100mm (4.0") SINGLE DIGIT NUMERIC DISPLAY
DUR100C SUNLED-DUR100C Datasheet
220Kb / 5P
100mm(4.0")SINGLE DIGIT NUMERIC DISPLAY
DUR100C-A SUNLED-DUR100C-A Datasheet
220Kb / 5P
100mm (4.0") SINGLE DIGIT NUMERIC DISPLAY
DMR100A SUNLED-DMR100A Datasheet
221Kb / 5P
100mm (4.0) SINGLE DIGIT NUMERIC DISPLAY
DUG100A-A SUNLED-DUG100A-A Datasheet
210Kb / 5P
100mm (4.0) SINGLE DIGIT NUMERIC DISPLAY
DUG100C SUNLED-DUG100C Datasheet
210Kb / 5P
100mm (4.0) SINGLE DIGIT NUMERIC DISPLAY
DUG100C-A SUNLED-DUG100C-A Datasheet
210Kb / 5P
100mm (4.0) SINGLE DIGIT NUMERIC DISPLAY
DUY100A-A SUNLED-DUY100A-A Datasheet
209Kb / 5P
100mm (4.0) SINGLE DIGIT NUMERIC DISPLAY
DUY100C-A SUNLED-DUY100C-A Datasheet
210Kb / 5P
100mm (4.0) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com