Electronic Components Datasheet Search
  English  ▼

X  

EMR21D Datasheet(PDF) 1 Page - SunLED Corporation

Part # EMR21D
Description  3.65x6.15mm SINGLE CHIP LED LIGHT BAR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

EMR21D Datasheet(HTML) 1 Page - SunLED Corporation

  EMR21D Datasheet HTML 1Page - SunLED Corporation EMR21D Datasheet HTML 2Page - SunLED Corporation EMR21D Datasheet HTML 3Page - SunLED Corporation EMR21D Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : MAR 21, 2008
Drawing No : SDSA3726
V3
Checked : B.L.LIU
P.1/4
Part Number:
EMR21D
3.65x6.15mm SINGLE CHIP LED LIGHT BAR
www.SunLED.com
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
Features
●FLAT RECTANGULAR LIGHT EMITTING SURFACE.
●SINGLE COLOR.
●IDEAL AS FLUSH MOUNTED PANEL INDICATORS.
●EXCELLENT ON/OFF CONTRAST.
●LONG LIFE - SOLID STATE RELIABILITY.
●THIS SERIES ARE TIN-DIPPED.
●RoHS COMPLIANT.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
EMR21D
Red
GaAlAs
Red Diffused
36
89
660
100°
Absolute Maximum Ratings
(TA=25°C)
MR
(GaAlAs)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
155
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
MR
(GaAlAs)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.85
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
660
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
640
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
Operating Characteristics
(TA=25°C)
R.CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN, o=SPEC專用,
ou=SPEC專用, email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.03.22 14:25:10 +08'00'


Similar Part No. - EMR21D

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMR212BD7106KG-T TAIYO-YUDEN-EMR212BD7106KG-T Datasheet
434Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
22Z1A09
EMR212BD7106MG-T TAIYO-YUDEN-EMR212BD7106MG-T Datasheet
434Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
22Z1A09
More results

Similar Description - EMR21D

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-1043 KINGBRIGHT-L-1043 Datasheet
789Kb / 6P
3.65x6.15mm SINGLE CHIP LED LIGHT BARS
WP1043GD KINGBRIGHT-WP1043GD Datasheet
417Kb / 6P
3.65x6.15mm SINGLE CHIP LED LIGHT BAR
WP1043ID KINGBRIGHT-WP1043ID Datasheet
417Kb / 6P
3.65x6.15mm SINGLE CHIP LED LIGHT BAR
WP1043SGD KINGBRIGHT-WP1043SGD Datasheet
416Kb / 6P
3.65x6.15mm SINGLE CHIP LED LIGHT BAR
WP1043SRD KINGBRIGHT-WP1043SRD Datasheet
417Kb / 6P
3.65x6.15mm SINGLE CHIP LED LIGHT BAR
WP1043YD KINGBRIGHT-WP1043YD Datasheet
417Kb / 6P
3.65x6.15mm SINGLE CHIP LED LIGHT BAR
logo
SunLED Corporation
EUR21D SUNLED-EUR21D Datasheet
183Kb / 4P
3.65x6.15mm SINGLE CHIP LED LIGHT BAR
EMG21D SUNLED-EMG21D Datasheet
183Kb / 4P
3.65x6.15mm SINGLE CHIP LED LIGHT BAR
EUY21D SUNLED-EUY21D Datasheet
185Kb / 4P
3.65x6.15mm SINGLE CHIP LED LIGHT BAR
logo
BetLux Electronics
BL-AR1Z1308 BETLUX-BL-AR1Z1308 Datasheet
64Kb / 4P
LED LIGHT BAR
REV NO: V.2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com