Electronic Components Datasheet Search
  English  ▼

X  

L6377 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6377
Description  0.5 A high-side driver quad intelligent power switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6377 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6377 Datasheet HTML 2Page - STMicroelectronics L6377 Datasheet HTML 3Page - STMicroelectronics L6377 Datasheet HTML 4Page - STMicroelectronics L6377 Datasheet HTML 5Page - STMicroelectronics L6377 Datasheet HTML 6Page - STMicroelectronics L6377 Datasheet HTML 7Page - STMicroelectronics L6377 Datasheet HTML 8Page - STMicroelectronics L6377 Datasheet HTML 9Page - STMicroelectronics L6377 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
L6377
6/16
Vdon
3
Output voltage drop
Iout = 625 mA; TJ = 25 °C
250
350
mV
Iout = 625 mA; TJ = 125 °C
400
550
mV
Iolk
Output leakage current
Vi = LOW; Vout = 0
100
µA
Vol
Output low state voltage
Vi = HIGH; pin floating
0.8
1.5
V
Vcl
Internal voltage clamp (Vs-
Vout)
Io = 200 mA
single pulsed =300ms
48
53
58
V
Isc
Short circuit output current
Vs = 8 to 35 V; Rl = 2 Ω;
Rsc = 5 to 30 KΩ
5/Rsc = KΩ
A
Vs = 8 to 35 V;
Rl = 2 Ω; Rsc < 5 KΩ
0.75
1.1
1.5
A
Tmax
Over temperature upper
threshold
150
°C
Thys
Over temperature
hysteresis
20
°C
AC operation
tr-tf
3
Rise or fall time
Vs = 24 V; Rl = 70 Ω
Rl to ground
20
µs
t
d
Delay time
5
µs
dV/dt
Slew rate
(rise and fall edge)
Vs = 24 V; Rl = 70 Ω
Rl to ground
0.7
1
1.5
V/
µs
tON
10
On time during short
circuit condition
50 pF < CDON< 2 nF
1.28
µs/pF
tOFF
Off time during short
circuit condition
64
tON
fmax
Maximum operating
frequency
25
kHz
Source drain NDMOS diode
Vfsd
Forward on voltage
Ifsd = 625 mA
1
1.5
V
Ifp
Forward peak current
tp = 10 ms;
duty cycle = 20 %
1.5
A
trr
Reverse recovery time
Ifsd = 500 mA;
dIfsd/dt = 25 A/µs
200
ns
tfr
Forward recovery time
50
ns
Table 5.
Electrical characteristcs (continued)
(Vs = 24 V; TJ = -25 to 125 °C; unless otherwise specified.)
Symbol Pin
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com