Electronic Components Datasheet Search
  English  ▼

X  

L6387ED Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6387ED
Description  High-voltage high and low side driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6387ED Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6387ED Datasheet HTML 2Page - STMicroelectronics L6387ED Datasheet HTML 3Page - STMicroelectronics L6387ED Datasheet HTML 4Page - STMicroelectronics L6387ED Datasheet HTML 5Page - STMicroelectronics L6387ED Datasheet HTML 6Page - STMicroelectronics L6387ED Datasheet HTML 7Page - STMicroelectronics L6387ED Datasheet HTML 8Page - STMicroelectronics L6387ED Datasheet HTML 9Page - STMicroelectronics L6387ED Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Input logic
L6387E
6/15
4
Input logic
L6387E Input Logic is VCC (17V) compatible. An interlocking features is offered (see truth
table below) to avoid undesired simultaneous turn ON of both Power Switches driven.
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
Logic inputs
Vil
1,2
Low level logic threshold
voltage
1.5
V
Vih
High level logic threshold
voltage
3.6
V
Iih
High level logic input current
VIN = 15V
50
70
mA
Iil
Low level logic input current
VIN = 0V
1
mA
1.
RDS(on) is tested in the following way:
where I1 is pin 8 current when VCBOOT = VCBOOT1, I2 when VCBOOT = VCBOOT2
Table 6.
DC operation electrical characteristcs (continued)(VCC = 15V; TJ = 25°C)
R
DSON
V
CC
V
CBOOT1
–
()
V
CC
V
CBOOT2
–
()
–
I
1 VCC,VCBOOT1
() I
2 VCC,VCBOOT2
()
–
-------------------------------------------------------------------------------------------------------
=
Table 7.
Input logic
Input
HIN
0011
LIN
0101
Output
HVG
0010
LVG
0100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com