Electronic Components Datasheet Search
  English  ▼

X  

L6388ED Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6388ED
Description  High-voltage high and low side driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6388ED Datasheet(HTML) 1 Page - STMicroelectronics

  L6388ED Datasheet HTML 1Page - STMicroelectronics L6388ED Datasheet HTML 2Page - STMicroelectronics L6388ED Datasheet HTML 3Page - STMicroelectronics L6388ED Datasheet HTML 4Page - STMicroelectronics L6388ED Datasheet HTML 5Page - STMicroelectronics L6388ED Datasheet HTML 6Page - STMicroelectronics L6388ED Datasheet HTML 7Page - STMicroelectronics L6388ED Datasheet HTML 8Page - STMicroelectronics L6388ED Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
October 2007
Rev 1
1/18
18
L6388E
High-voltage high and low side driver
Features
■ High voltage rail up to 600V
■ dV/dt immunity ±50V/nsec in full temperature
range
■ Driver current capability:
– 400mA source,
– 650mA sink
■ Switching times 70/40 nsec rise/fall with 1nF
load
■ 3.3V, 5V, 15V CMOS/TTL inputs comparators
with hysteresys and pull down
■ Internal bootstrap diode
■ Outputs in phase with inputs
■ Dead time and interlocking function
Description
The L6388E is an high-voltage device,
manufactured with the BCD"OFF-LINE"
technology.
It has a Driver structure that enables to drive
independent referenced N Channel Power MOS
or IGBT. The High Side(Floating) Section is
enabled to work with voltage Rail up to 600V.
The Logic Inputs are CMOS/TTL compatible for
ease of interfacing with controlling devices.
DIP-8
SO-8
www.st.com
Figure 1.
Block diagram
LOGIC
UV
DETECTION
LEVEL
SHIFTER
BOOTSTRAP DRIVER
R
S
VCC
LVG
DRIVER
VCC
8
7
6
5
4
HIN
LIN
HVG
DRIVER
HVG
H.V.
TO LOAD
OUT
LVG
GND
Vboot
3
2
1
Cboot
SHOOT
THROUGH
PREVENTION
UV
DETECTION
R


Similar Part No. - L6388ED

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6388E STMICROELECTRONICS-L6388E_12 Datasheet
206Kb / 19P
High-voltage high and low side driver
29-Feb-2012
More results

Similar Description - L6388ED

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6386 STMICROELECTRONICS-L6386 Datasheet
80Kb / 10P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
Jul-1999
L6387 STMICROELECTRONICS-L6387 Datasheet
133Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2001
L6388 STMICROELECTRONICS-L6388 Datasheet
564Kb / 11P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2005
L6392 STMICROELECTRONICS-L6392 Datasheet
439Kb / 19P
High-voltage high and low side driver
18-Mar-2008
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
High-voltage high and low side driver
11-Oct-2007
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
High-voltage high and low side driver
11-Oct-2007
L6387DTR STMICROELECTRONICS-L6387DTR Datasheet
158Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2001
logo
ON Semiconductor
NCP5109A ONSEMI-NCP5109A_17 Datasheet
120Kb / 18P
High Voltage, High and Low Side Driver
February, 2017 ??Rev. 2
logo
STMicroelectronics
L6399 STMICROELECTRONICS-L6399 Datasheet
345Kb / 18P
High voltage high and low-side driver
27-Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com