Electronic Components Datasheet Search
  English  ▼

X  

GURX20D Datasheet(PDF) 1 Page - SunLED Corporation

Part # GURX20D
Description  20 SEGMENTS BAR GRAPH ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

GURX20D Datasheet(HTML) 1 Page - SunLED Corporation

  GURX20D Datasheet HTML 1Page - SunLED Corporation GURX20D Datasheet HTML 2Page - SunLED Corporation GURX20D Datasheet HTML 3Page - SunLED Corporation GURX20D Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : MAR 13,2008
Drawing No : SDSA0416
V5
Checked : Shin Chi
P.1/4
Part Number:
GURX20D
20 SEGMENTS BAR GRAPH ARRAY
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
GURX20D
Red
GaAsP/GaP
1900
8990
627
20 Segments Bargraph-Display
Features
●SUITABLE FOR LEVEL INDICATORS.
●LOW CURRENT OPERATION.
●EXCELLENT ON/OFF CONTRAST.
●WIDE VIEWING ANGLE.
●END STACKABLE.
●MECHANICALLY RUGGED.
●DIFFERENT COLORS IN ONE UNIT AVAILABLE.
●STANDARD: GRAY FACE, WHITE SEGMENT.
●RoHS COMPLIANT.
UR
(GaAsP/GaP)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
1.9
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=10mA)
λ P
627
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=10mA)
λ D
625
nm
Spectral Line Full Width At
Half-Maximum (Typ.)
(IF=10mA)
Δλ
45
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
Absolute Maximum Ratings
(TA=25°C)
UR
(GaAsP/GaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
160
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3~5 Seconds
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
R.CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用, ou=SPEC專
用, email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.03.15 15:22:35
+08'00'


Similar Part No. - GURX20D

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
GURX10D SUNLED-GURX10D Datasheet
176Kb / 4P
10 SEGMENTS BAR GRAPH ARRAY
GURX5D SUNLED-GURX5D Datasheet
181Kb / 4P
BAR GRAPH 5 SEGMENT
More results

Similar Description - GURX20D

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DC20-20EWA KINGBRIGHT-DC20-20EWA Datasheet
153Kb / 4P
20 SEGMENTS BAR GRAPH ARRAY
DC20-20GWA KINGBRIGHT-DC20-20GWA Datasheet
153Kb / 4P
20 SEGMENTS BAR GRAPH ARRAY
DC20-20SRWA KINGBRIGHT-DC20-20SRWA Datasheet
151Kb / 4P
20 SEGMENTS BAR GRAPH ARRAY
DC20-20YWA KINGBRIGHT-DC20-20YWA Datasheet
153Kb / 4P
20 SEGMENTS BAR GRAPH ARRAY
logo
SunLED Corporation
GMGX20D SUNLED-GMGX20D Datasheet
188Kb / 4P
20 SEGMENTS BAR GRAPH ARRAY
GMRX20D SUNLED-GMRX20D Datasheet
188Kb / 4P
20 SEGMENTS BAR GRAPH ARRAY
GUGX10D SUNLED-GUGX10D Datasheet
176Kb / 4P
10 SEGMENTS BAR GRAPH ARRAY
GURUGX10D SUNLED-GURUGX10D Datasheet
197Kb / 5P
10 SEGMENTS BAR GRAPH ARRAY
GURX10D SUNLED-GURX10D Datasheet
176Kb / 4P
10 SEGMENTS BAR GRAPH ARRAY
GUYX20D SUNLED-GUYX20D Datasheet
189Kb / 4P
20 SEGMENTS BAR GRAPH ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com