Electronic Components Datasheet Search
  English  ▼

X  

M41T81S Datasheet(PDF) 6 Page - STMicroelectronics

Part # M41T81S
Description  Serial access real-time clock with alarms
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81S Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M41T81S Datasheet HTML 2Page - STMicroelectronics M41T81S Datasheet HTML 3Page - STMicroelectronics M41T81S Datasheet HTML 4Page - STMicroelectronics M41T81S Datasheet HTML 5Page - STMicroelectronics M41T81S Datasheet HTML 6Page - STMicroelectronics M41T81S Datasheet HTML 7Page - STMicroelectronics M41T81S Datasheet HTML 8Page - STMicroelectronics M41T81S Datasheet HTML 9Page - STMicroelectronics M41T81S Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Summary description
M41T81S
6/31
1
Summary description
The M41T81S is a low power Serial RTC with a built-in 32.768kHz oscillator (external crystal
controlled). Eight bytes of the SRAM (see Table 2: Clock register map on page 15) are used
for the clock/calendar function and are configured in binary coded decimal (BCD) format. An
additional 12 bytes of SRAM provide status/control of Alarm, Watchdog and Square Wave
functions. Addresses and data are transferred serially via a two line, bi-directional I2C
interface. The built-in address register is incremented automatically after each WRITE or
READ data byte.
The M41T81S has a built-in power sense circuit which detects power failures and
automatically switches to the battery supply when a power failure occurs. The energy
needed to sustain the clock operations can be supplied by a small lithium button supply
when a power failure occurs. Functions available to the user include a non-volatile, time-of-
day clock/calendar, Alarm interrupts, Watchdog Timer and programmable Square Wave
output. The eight clock address locations contain the century, year, month, date, day, hour,
minute, second and tenths/hundredths of a second in 24 hour BCD format. Corrections for
28, 29 (leap year - valid until year 2100), 30 and 31 day months are made automatically.
The M41T81S is supplied in either an 8-pin SOIC or an 18-pin (MY), 300mil SOIC package
which includes an embedded 32kHz crystal.
The 18-pin, embedded crystal SOIC requires only a user-supplied battery to provide non-
volatile operation.
Figure 1.
Logic diagram
1.
For SO8 package only
SCL
VCC
M41T81S
VSS
SDA
IRQ/FT/OUT/SQW
VBAT
XI
(1)
XO
(1)
AI09160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com