Electronic Components Datasheet Search
  English  ▼

X  

OP07CN Datasheet(PDF) 5 Page - STMicroelectronics

Part # OP07CN
Description  Very low offset single bipolar operational amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OP07CN Datasheet(HTML) 5 Page - STMicroelectronics

  OP07CN Datasheet HTML 1Page - STMicroelectronics OP07CN Datasheet HTML 2Page - STMicroelectronics OP07CN Datasheet HTML 3Page - STMicroelectronics OP07CN Datasheet HTML 4Page - STMicroelectronics OP07CN Datasheet HTML 5Page - STMicroelectronics OP07CN Datasheet HTML 6Page - STMicroelectronics OP07CN Datasheet HTML 7Page - STMicroelectronics OP07CN Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
OP07
Package information
5/8
4
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
en
Equivalent input noise voltage
f = 10Hz
f = 100Hz
f = 1kHz
11
10.5
10
20
13.5
11.5
in
Equivalent input noise current
f = 10Hz
f = 100Hz
f = 1kHz
0.3
0.2
0.1
0.9
0.3
0.2
1.
Long term input offset voltage stability refers to the average trend line of Vio vs time over extended periods after the first 30
days of operation.
Table 2.
VCC
+
= 15 V, VCC
- = Ground, T
amb = 25° C (unless otherwise specified) (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
nV
Hz
------------
pA
Hz
------------



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com