Electronic Components Datasheet Search
  English  ▼

X  

LMDG08W Datasheet(PDF) 1 Page - SunLED Corporation

Part # LMDG08W
Description  OVAL LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LMDG08W Datasheet(HTML) 1 Page - SunLED Corporation

  LMDG08W Datasheet HTML 1Page - SunLED Corporation LMDG08W Datasheet HTML 2Page - SunLED Corporation LMDG08W Datasheet HTML 3Page - SunLED Corporation LMDG08W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SunLED.com
OVAL LED LAMP
Part Number:
LMDG08W
Published Date : MAR 22,2008
Drawing No : SDSA4807
V3
Checked : B.L.LIU
P.1/4
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
LMDG08W
Red
InGaAlP
Water Clear
480
1195
640
30°(H)
60°(V)
Features
ULTRA BRIGHTNESS.
OUTSTANDING MATERIAL EFFICIENCY.
RELIABLE AND RUGGED.
IC COMPATIBLE/LOW CURRENT CAPABILITY.
RoHS COMPLIANT.
PRELIMINARY SPEC
Absolute Maximum Ratings
(TA=25°C)
MDG
(InGaAlP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
150
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
°C
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
MDG
(InGaAlP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.9
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
640
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
630
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
22
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
Operating Characteristics
(TA=25°C)
R.
CH
EN
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用, ou=SPEC
專用, email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.03.24 09:31:07
+08'00'


Similar Part No. - LMDG08W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
LMDG01W SUNLED-LMDG01W Datasheet
189Kb / 4P
10mm SOLID STATE LAMP
More results

Similar Description - LMDG08W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
LM2BG08W SUNLED-LM2BG08W Datasheet
184Kb / 4P
OVAL LED LAMP
logo
Bright View Electronic ...
BVU-359BA9 BVLED-BVU-359BA9 Datasheet
326Kb / 5P
OVAL LED LAMP
BVU-439BA9 BVLED-BVU-439BA9 Datasheet
327Kb / 5P
OVAL LED LAMP
BVU-439TT9 BVLED-BVU-439TT9 Datasheet
254Kb / 3P
OVAL LED LAMP
BVU-529GN8 BVLED-BVU-529GN8 Datasheet
327Kb / 5P
OVAL LED LAMP
BVU-559QT9 BVLED-BVU-559QT9 Datasheet
252Kb / 3P
OVAL LED LAMP
logo
Marktech Corporate
MT5470A-LWT MARKTECH-MT5470A-LWT Datasheet
247Kb / 6P
OVAL LED LAMP
MT5470-BL MARKTECH-MT5470-BL Datasheet
182Kb / 6P
OVAL LED LAMP
MT5470D-UY MARKTECH-MT5470D-UY Datasheet
415Kb / 6P
OVAL LED LAMP
MT5470A-LWT MARKTECH-MT5470A-LWT_15 Datasheet
247Kb / 6P
OVAL LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com