Electronic Components Datasheet Search
  English  ▼

X  

STL5NK65Z Datasheet(PDF) 2 Page - STMicroelectronics

Part # STL5NK65Z
Description  N-CHANNEL 650V - 1.5ohm - 4.2A PowerFLAT™ Zener-Protected SuperMESH™ Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL5NK65Z Datasheet(HTML) 2 Page - STMicroelectronics

  STL5NK65Z Datasheet HTML 1Page - STMicroelectronics STL5NK65Z Datasheet HTML 2Page - STMicroelectronics STL5NK65Z Datasheet HTML 3Page - STMicroelectronics STL5NK65Z Datasheet HTML 4Page - STMicroelectronics STL5NK65Z Datasheet HTML 5Page - STMicroelectronics STL5NK65Z Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STL5NK65Z
2/6
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
Note: 1. The value is rated according to Rthj-F.
2. When Mounted on FR-4 Board of 1inch2, 2 oz Cu
3. Pulse width limited by safe operating area
4. ISD<4.2A, di/dt<300A/µs, VDD<V(BR)DSS, TJ<TJMAX
AVALANCHE CHARACTERISTICS
GATE-SOURCE ZENER DIODE
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to souce. In this respect the Zener voltage is appropriate to achieve an efficient and cost-
effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the usage
of external components.
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
650
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
650
V
VGS
Gate- source Voltage
± 30
V
ID (2)
Drain Current (continuous) at TC = 25°C (Steady State)
Drain Current (continuous) at TC = 100°C
0.76
0.48
A
A
IDM (2)
Drain Current (pulsed)
3
A
PTOT (2)
Total Dissipation at TC = 25°C (Steady State)
2.5
W
PTOT (1)
Total Dissipation at TC = 25°C (Steady State)
75
W
Derating Factor (2)
0.02
W/°C
dv/dt (4)
Peak Diode Recovery voltage slope
4.5
V/ns
Tstg
Storage Temperature
–55 to 150
°C
Tj
Max. Operating Junction Temperature
Symbol
Parameter
Max.
Unit
Rthj-F
Thermal Resistance Junction-Foot (Drain)
1.67
°C/W
Rthj-amb (2)
Thermal Resistance Junction-ambient
50
°C/W
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
4.2
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
190
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVGSO
Gate-Source Breakdown
Voltage
Igs=± 1mA (Open Drain)
30
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com