Electronic Components Datasheet Search
  English  ▼

X  

NJW1321 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # NJW1321
Description  WIDE BAND VIDEO SWITCH WITH I2C BUS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NJW1321 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  NJW1321 Datasheet HTML 1Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 2Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 3Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 4Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 5Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 6Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 7Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 8Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NJW1321
-3 -
s
s
s
s ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
12.0
V
Power Dissipation
PD
1875(note)
mW
Operating Temperature Range
Topr
-40 to +75
°C
Storage Temperature Range
Tstg
-40 to +150
°C
(Note) At on a board of EIA/JEDEC specification. (76.2
× 114.3 × 1.6mm Two layers, FR-4)
s
s
s
s RECOMMENDED OPEARATING CONDITION
(Ta=25
°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Voltage
Vopr
8.5
9.0
9.5
V
s
s
s
s ELECTRICAL CHARACTERISTICS
(V
+=9.0V, R
L=10KΩ, Ta=25°C)
q
q
q
qVIDEO
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Current
Icc
No signal
-
85
100
mA
Maximum Output Voltage
Vom
f=100kHz, THD=1%
2.0
2.5
-
Vp-p
Voltage Gain 1
Gv1
6dB Mode
Vin=100kHz, 1.0Vp-p Sin signal
6.0
6.4
6.8
dB
Voltage Gain 2
Gv2
Bypass Mode
Vin=100kHz, 1.0Vp-p Sin signal
-0.5
0.0
0.5
dB
Frequency
Characteristic 1
Gf1
6dB Mode
Vin=100MHz / 100kHz, 1.0Vp-p Sin signal
-
0
-
dB
Frequency
Characteristic 2
Gf2
Bypass Mode
Vin=100MHz / 100kHz, 1.0Vp-p Sin signal
-
0
-
dB
Frequency
Characteristic 3
Gf3
6dB Mode
Vin=300MHz / 100kHz, 1.0Vp-p Sin signal
-
-3.0
-
dB
Frequency
Characteristic 4
Gf4
Bypass Mode
Vin=300MHz / 100kHz, 1.0Vp-p Sin signal
-
-3.0
-
dB
Cross talk 1
CTB1
Vin=4.43MHz,1.0Vp-p Sin signal
-
-60
-50
dB
Cross talk 2
CTB2
Vin=50MHz,1.0Vp-p Sin signal
-
-40
-
dB
Differential Gain
DG
Vin=1.0Vp-p 10step Video signal
-
0.3
-
%
Differential Phase
DP
Vin=1.0Vp-p 10step Video signal
-
0.3
-
deg
S/N
SNv
Vin=1.0Vp-p,100% White Video Signal
-
65
-
dB
q
q
q
qPORT, AUX
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
PORT Input Voltage H
VPTH
3.5
-
5.5
V
PORT Input Voltage M
VPTM
1.4
-
2.4
V
PORY Input Voltage L
VPTL
0
-
0.8
V
AUX Output Voltage H
VAUXH
3.5
-
5.5
V
AUX Output Voltage M
VAUXM
1.4
-
2.4
V
AUX Output Voltage L
VAUXL
0
-
0.8
V
ADR Input Voltage H
VADRH
3.5
-
5.0
V
ADR Input Voltage L
VADRL
0
-
1.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com