Electronic Components Datasheet Search
  English  ▼

X  

TSH93 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH93
Description  High-speed low power triple operational amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH93 Datasheet(HTML) 1 Page - STMicroelectronics

  TSH93_07 Datasheet HTML 1Page - STMicroelectronics TSH93_07 Datasheet HTML 2Page - STMicroelectronics TSH93_07 Datasheet HTML 3Page - STMicroelectronics TSH93_07 Datasheet HTML 4Page - STMicroelectronics TSH93_07 Datasheet HTML 5Page - STMicroelectronics TSH93_07 Datasheet HTML 6Page - STMicroelectronics TSH93_07 Datasheet HTML 7Page - STMicroelectronics TSH93_07 Datasheet HTML 8Page - STMicroelectronics TSH93_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
October 2007
Rev 3
1/13
13
TSH93
High-speed low power triple operational amplifier
Features
■ Low supply current: 4.5mA
■ High-speed: 150MHz - 110V/µs
■ Unity gain stability
■ Low offset voltage: 4mV
■ Low noise: 4.2nV/
√Hz
■ Low cost
■ Specified for 600
Ω and 150Ω loads
■ High video performance:
Differential gain: 0.03%
Differential phase: 0.07°
Gain flatness: 6MHz, 0.1dB max. 0 10dB gain
■ High audio performance
■ ESD tolerance: 2kV
Description
The TSH93 is a triple low-power high-frequency
op-amp, designed for high quality video signal
processing. The device offers an excellent speed
consumption ratio with 4.5mA per amplifier for
150MHz bandwidth.
High slew rate and low noise make it also suitable
for high quality audio applications.
Pin connections
(top view)
D
SO-14
(Plastic micropackage)
Non-inverting Input 1
-
CC
V
1
2
3
4
5
6
7
10
11
12
13
14
CC
V
+
Output 2
Output 3
Non-inverting Input 3
Inverting Input 3
Non-inverting Input 2
Inverting Input 2
-
+
-
+
-
+
Output 1
9
8
N.C.
Inverting Input 1
N.C.
N.C.
www.st.com


Similar Part No. - TSH93_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH93I STMICROELECTRONICS-TSH93I Datasheet
351Kb / 8P
HIGH SPEED LOW POWER TRIPLE OPERATIONAL AMPLIFIER
Oct-2000
TSH93ID STMICROELECTRONICS-TSH93ID Datasheet
351Kb / 8P
HIGH SPEED LOW POWER TRIPLE OPERATIONAL AMPLIFIER
Oct-2000
More results

Similar Description - TSH93_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH93 STMICROELECTRONICS-TSH93 Datasheet
351Kb / 8P
HIGH SPEED LOW POWER TRIPLE OPERATIONAL AMPLIFIER
Oct-2000
logo
Analog Devices
AD826 AD-AD826 Datasheet
231Kb / 14P
High-Speed, Low-Power Dual Operational Amplifier
REV.B
logo
Linear Technology
LT1195 LINER-LT1195 Datasheet
396Kb / 12P
Low Power, High Speed Operational Amplifier
logo
Burr-Brown (TI)
OPA3832 BURR-BROWN-OPA3832_07 Datasheet
609Kb / 32P
Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Linear Technology
LT1195 LINER-LT1195_02 Datasheet
334Kb / 12P
Low Power, High Speed Operational Amplifier
logo
Analog Devices
AD826ANZ AD-AD826ANZ Datasheet
725Kb / 12P
High-Speed, Low-Power Dual Operational Amplifier
8/02-Data Sheet changed from REV. B to REV. C.
AD826ARZ AD-AD826ARZ Datasheet
725Kb / 15P
High-Speed, Low-Power Dual Operational Amplifier
REV. C
AD826ARZ-REEL7 AD-AD826ARZ-REEL7 Datasheet
731Kb / 15P
High-Speed, Low-Power Dual Operational Amplifier
REV. C
logo
Linear Technology
LT1195 LINER-LT1195_15 Datasheet
344Kb / 12P
Low Power, High Speed Operational Amplifier
logo
Analog Devices
AD847 AD-AD847_17 Datasheet
602Kb / 6P
High Speed Low Power Operational Amplifier
29-Nov-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com