Electronic Components Datasheet Search
  English  ▼

X  

LME12W Datasheet(PDF) 1 Page - SunLED Corporation

Part # LME12W
Description  T-1 3/4 (5mm) SOLID STATE LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LME12W Datasheet(HTML) 1 Page - SunLED Corporation

  LME12W Datasheet HTML 1Page - SunLED Corporation LME12W Datasheet HTML 2Page - SunLED Corporation LME12W Datasheet HTML 3Page - SunLED Corporation LME12W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SunLED.com
Part Number:
LME12W
T-1 3/4 (5mm) SOLID STATE LAMP
Published Date : MAR 26, 2008
Drawing No : SDSA3585
V7
Checked : B.L.LIU
P.1/4
Features
LOW POWER CONSUMPTION.
POPULAR T-1 3/4 DIAMETER PACKAGE.
GENERAL PURPOSE LEADS.
RELIABLE AND RUGGED.
LONG LIFE - SOLID STATE RELIABILITY.
AVAILABLE ON TAPE AND REEL.
RoHS COMPLIANT.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
min.
typ.
LME12W
Red
InGaAlP
Water Clear
1500
4990
630
20°
Viewing
Angle
2
θ 1/2
Absolute maximum ratings
(TA=25°C)
ME
(InGaAlP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
195
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
ME
(InGaAlP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.0
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak Emis-
sion (Typ.)
(IF=20mA)
λ p
630
nm
Wavelength of Dominant
Emission (Typ.)
(IF=20mA)
λ D
621
nm
Spectral Line Full Width At
Half-Maximum (Typ.)
(IF=20mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
25
pF
Operating Characteristics
(TA=25°C)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.


Similar Part No. - LME12W

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
LME1205D CANDD-LME1205D Datasheet
168Kb / 2P
Isolated 250mW Single Output DC-DC Converters
logo
Murata Manufacturing Co...
LME1205DC MURATA-LME1205DC Datasheet
183Kb / 4P
Isolated 250mW Single Output DC/DC Converters
LME1205DC MURATA-LME1205DC Datasheet
183Kb / 4P
LME Series Isolated 250mW Single Output DC/DC Converters
logo
C&D Technologies
LME1205S CANDD-LME1205S Datasheet
168Kb / 2P
Isolated 250mW Single Output DC-DC Converters
logo
Murata Manufacturing Co...
LME1205SC MURATA-LME1205SC Datasheet
183Kb / 4P
Isolated 250mW Single Output DC/DC Converters
More results

Similar Description - LME12W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP1503EC KINGBRIGHT-WP1503EC Datasheet
260Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP
WP7113ED KINGBRIGHT-WP7113ED Datasheet
261Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP
WP7113PGC KINGBRIGHT-WP7113PGC Datasheet
258Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP
WP7113NC KINGBRIGHT-WP7113NC Datasheet
261Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP
L-53SRC-DV KINGBRIGHT-L-53SRC-DV Datasheet
77Kb / 3P
T-1 3/4 (5mm) SOLID STATE LAMP
WP7524VGC-Z KINGBRIGHT-WP7524VGC-Z Datasheet
131Kb / 4P
T-1 3/4 (5mm) SOLID STATE LAMP
WP7524SYC-J KINGBRIGHT-WP7524SYC-J Datasheet
134Kb / 4P
T-1 3/4 (5mm) SOLID STATE LAMP
WP7113ZGC KINGBRIGHT-WP7113ZGC Datasheet
264Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP
WP63IT KINGBRIGHT-WP63IT Datasheet
262Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP
WP1503YC KINGBRIGHT-WP1503YC Datasheet
259Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com