Electronic Components Datasheet Search
  English  ▼

X  

LMR04D Datasheet(PDF) 1 Page - SunLED Corporation

Part # LMR04D
Description  1.5mm SIDE LOOK LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LMR04D Datasheet(HTML) 1 Page - SunLED Corporation

  LMR04D Datasheet HTML 1Page - SunLED Corporation LMR04D Datasheet HTML 2Page - SunLED Corporation LMR04D Datasheet HTML 3Page - SunLED Corporation LMR04D Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SunLED.com
Part Number:
LMR04D
Published Date : MAR 21,2008
Drawing No : SDSA3002
V3
Checked : B.L.LIU
P.1/4
1.5mm SIDE LOOK LED
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
LMR04D
Red
GaAlAs
Red Diffused
50
98
660
90°
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
Features
LOW POWER CONSUMPTION.
SIDE LOOKING PACKAGE.
RELIABLE AND RUGGED.
EXCELLENT UNIFORMITY OF LIGHT OUTPUT.
LONG LIFE SOLID STATE RELIABILITY.
●RoHS COMPLIANT.
MR
(GaAlAs)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.85
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak Emission
(Typ.)
(IF=20mA)
λ P
660
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
640
nm
Spectral Line Full Width At
Half-Maximum (Typ.)
(IF=20mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
Operating Characteristics
(TA=25°C)
Absolute Maximum Ratings
(TA=25°C)
MR
(GaAlAs)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
155
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
°C
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
R.
CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用,
ou=SPEC專用,
email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.03.22
09:53:04 +08'00'


Similar Part No. - LMR04D

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LMR04 GOOD-ARK-LMR04 Datasheet
366Kb / 4P
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
logo
Cree, Inc
LMR040-0700-27F8-10100EW CREE-LMR040-0700-27F8-10100EW Datasheet
550Kb / 5P
Cree LED Module LMR4 with EasyWhite™Technology
Rev 0
LMR040-0700-27F8-20100EW CREE-LMR040-0700-27F8-20100EW Datasheet
550Kb / 5P
Cree LED Module LMR4 with EasyWhite™Technology
Rev 0
LMR040-0700-27F9-10100TW CREE-LMR040-0700-27F9-10100TW Datasheet
522Kb / 5P
Cree LED Module LMR4 with TrueWhite Technology
Rev 1
LMR040-0700-27F9-10100TW CREE-LMR040-0700-27F9-10100TW Datasheet
703Kb / 2P
LED Module with TrueWhite Technology
Rev 6E
More results

Similar Description - LMR04D

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KM-4457F3C KINGBRIGHT-KM-4457F3C Datasheet
81Kb / 3P
1.5mm SIDE LOOK INFRA-RED ENITTING DIODE
AM4457F3C KINGBRIGHT-AM4457F3C Datasheet
87Kb / 3P
1.5mm SIDE LOOK INFRA-RED EMITTING DIODE
AM4457F3C KINGBRIGHT-AM4457F3C_05 Datasheet
96Kb / 3P
1.5mm SIDE LOOK INFRA-RED EMITTING DIODE
logo
Everlight Electronics C...
IR908-7C-F EVERLIGHT-IR908-7C-F Datasheet
193Kb / 7P
1.5mm Side Face Infrared LED
logo
SunLED Corporation
LMG04D SUNLED-LMG04D Datasheet
184Kb / 4P
1.5mm SIDE LOOK LED
LUR04D SUNLED-LUR04D Datasheet
184Kb / 4P
1.5mm SIDE LOOK LED
LUY04D SUNLED-LUY04D Datasheet
183Kb / 4P
1.5mm SIDE LOOK LED
logo
Everlight Electronics C...
HIR928-6C-F EVERLIGHT-HIR928-6C-F_15 Datasheet
201Kb / 8P
1.5mm Side Face Infrared LED
IR908-7C-F EVERLIGHT-IR908-7C-F_15 Datasheet
198Kb / 7P
1.5mm Side Face Infrared LED
IR928-6C-F EVERLIGHT-IR928-6C-F_15 Datasheet
201Kb / 8P
1.5mm Side Face Infrared LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com