Electronic Components Datasheet Search
  English  ▼

X  

STLC5411 Datasheet(PDF) 70 Page - STMicroelectronics

Part # STLC5411
Description  2B1Q U INTERFACE DEVICE
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5411 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STLC5411 Datasheet HTML 64Page - STMicroelectronics STLC5411 Datasheet HTML 65Page - STMicroelectronics STLC5411 Datasheet HTML 66Page - STMicroelectronics STLC5411 Datasheet HTML 67Page - STMicroelectronics STLC5411 Datasheet HTML 68Page - STMicroelectronics STLC5411 Datasheet HTML 69Page - STMicroelectronics STLC5411 Datasheet HTML 70Page - STMicroelectronics STLC5411 Datasheet HTML 71Page - STMicroelectronics STLC5411 Datasheet HTML 72Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 70 / 72 page
background image
PLCC44 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
17.4
17.65
0.685
0.695
B
16.51
16.65
0.650
0.656
C
3.65
3.7
0.144
0.146
D
4.2
4.57
0.165
0.180
d1
2.59
2.74
0.102
0.108
d2
0.68
0.027
E
14.99
16
0.590
0.630
e
1.27
0.050
e3
12.7
0.500
F
0.46
0.018
F1
0.71
0.028
G
0.101
0.004
M
1.16
0.046
M1
1.14
0.045
STLC5411
70/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72