Electronic Components Datasheet Search
  English  ▼

X  

SN75158PSLE Datasheet(PDF) 3 Page - Texas Instruments

Part # SN75158PSLE
Description  DUAL DIFFERENTIAL LINE DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75158PSLE Datasheet(HTML) 3 Page - Texas Instruments

  SN75158PSLE Datasheet HTML 1Page - Texas Instruments SN75158PSLE Datasheet HTML 2Page - Texas Instruments SN75158PSLE Datasheet HTML 3Page - Texas Instruments SN75158PSLE Datasheet HTML 4Page - Texas Instruments SN75158PSLE Datasheet HTML 5Page - Texas Instruments SN75158PSLE Datasheet HTML 6Page - Texas Instruments SN75158PSLE Datasheet HTML 7Page - Texas Instruments SN75158PSLE Datasheet HTML 8Page - Texas Instruments SN75158PSLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SN75158
DUAL DIFFERENTIAL LINE DRIVER
SLLS085B – JANUARY 1977 – REVISED MAY 1995
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VIK
Input clamp voltage
VCC = MIN,
II = – 12 mA
– 0.9
– 1.5
V
VOH
High level output voltage
VCC = MIN,
VIL = 0.8 V,
24
3
V
VOH
High-level output voltage
CC
,
VIH = 2 V,
IL
,
IOH = – 40 mA
2.4
3
V
VOL
Low level output voltage
VCC = MIN,
VIL = 0.8 V,
02
04
V
VOL
Low-level output voltage
CC
,
VIH = 2 V,
IL
,
IOL = 40 mA
0.2
0.4
V
VOD1| Differential output voltage
VCC = MAX, IO = 0
3.5
2
×VOD2
V
|VOD2|
Differential output voltage
VCC = MIN
2
3
V
∆VOD
Change in magnitude of differential output voltage§
VCC = MIN
±0.02
±0.4
V
VOC
Common mode output voltage¶
VCC = MAX
RL = 100 Ω,
1.8
3
V
VOC
Common-mode output voltage¶
VCC = MIN
See Figure 1
1.5
3
V
∆VOC
Change in magnitude of common-mode output
VCC = MIN
±002
±04
V
∆VOC
gg
voltage§
CC
or MAX
±0.02
±0.4
V
VO = 6 V
0.1
100
IO
Output current with power off
VCC = 0
VO = – 0.25 V
– 0.1
– 100
µA
VO = – 0.25 to 6 V
±100
II
Input current at maximum input voltage
VCC = MAX, VI = 5.5 V
1
mA
IIH
High-level input current
VCC = MAX, VI = 2.4 V
40
µA
IIL
Low-level input current
VCC = MAX, VI = 0.4 V
–1
– 1.6
mA
IOS
Short-circuit output current #
VCC = MAX
–40
–90
– 150
mA
ICC
Supply current (both drivers)
VCC = MAX, Inputs grounded,
37
50
mA
ICC
Supply current (both drivers)
CC
TA = 25°C,
g
No load
37
50
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V and TA = 25°C except for VOC, for which VCC is as stated under test conditions.
§
∆VOD and ∆|VOC| are the changes in magnitudes of VOD and VOC, respectively, that occur when the input is changed from a high level to a low
level.
¶ In ANSI Standard EIA/TIA-422-B, VOC, which is the average of the two output voltages with respect to ground, is called output offset voltage,
VOS.
# Only one output should be shorted at a time, and duration of the short circuit should not exceed one second.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
See Figure 2 Termination A
16
25
ns
tPHL
Propagation delay time, high-to-low-level output
See Figure 2, Termination A
10
20
ns
tPLH
Propagation delay time, low-to-high-level output
See Figure 2 Termination B
13
20
ns
tPHL
Propagation delay time, high-to-low-level output
See Figure 2, Termination B
9
15
ns
tTLH
Transition time, low-to-high-level output
See Figure 2 Termination A
4
20
ns
tTLH
Transition time, high-to-low-level output
See Figure 2, Termination A
4
20
ns
Overshoot factor
See Figure 2, Termination C
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com