Electronic Components Datasheet Search
  English  ▼

X  

AD8622 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8622
Description  Dual, Low Power, Low Noise, Low Bias Current Precision Rail-to-Rail Output Op Amp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8622 Datasheet(HTML) 1 Page - Analog Devices

  AD8622 Datasheet HTML 1Page - Analog Devices AD8622 Datasheet HTML 2Page - Analog Devices AD8622 Datasheet HTML 3Page - Analog Devices AD8622 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dual, Low Power, Low Noise, Low Bias Current
Precision Rail-to-Rail Output Op Amp
Preliminary Technical Data
AD8622
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2008 Analog Devices, Inc. All rights reserved.
FEATURES
Very low offset voltage:
50 μV B-grade maximum
100 μV A-grade maximum
Low Bias Current: 200 pA
200 μA supply current
Rail-to-rail output swing
Low input offset drift: 0.8 μV/°C maximum
Low voltage noise at low power 12 nV/√Hz
Operating Temperature: −40°C to +125°C
±2.5 V to ±18 V operation
APPLICATIONS
Portable Precision instrumentation
Process Control Inputs
Laser diode control loops
Strain gage amplifiers
Medical instrumentation
Thermocouple amplifiers
PIN CONFIGURATIONS
Figure 1. 8-Lead SOIC or MSOP
GENERAL DESCRIPTION
The AD8622 is a dual low power (330 μA max over temperature and
supply), precision, rail-to-rail operational amplifiers.
The AD8622 is designed on ADI’s iPOLARTM process implementing bias
cancellation circuits to guarantee low bias current over temperature. ADI’s
proprietary iPolar process is an advanced bipolar technology implementing
vertical junction isolation with lateral trench isolation, allowing for low
noise performance amplifiers in smaller die size at faster speed and lower
power. These operational amplifiers offer ultralow offset, drift, and voltage
noise combined with very low input bias currents over the full operating
temperature range. Operation is fully specified from ±5 V to ±15 V.
With typical offset voltage of only 10 μV, offset drift of 0.2 μV/°C, and noise
of only TBD μV p-p (0.1 Hz to 10 Hz), these is perfectly suited for
applications where large error sources cannot be tolerated. Many systems
can take advantage of the low bias current, low noise, dc precision, and rail-
to-rail output swing provided by the devices to maximize SNR and dynamic
range for low power operation.
OUTA
1
-INA
2
+INA
3
V-
4
V+
8
OUTB
7
-INB
6
+INB
5
AD8622
TOP VIEW
OUTA
1
-INA
2
+INA
3
V-
4
V+
8
OUTB
7
-INB
6
+INB
5
AD8622
TOP VIEW


Similar Part No. - AD8622

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8622 AD-AD8622 Datasheet
590Kb / 20P
Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
AD8622 AD-AD8622 Datasheet
550Kb / 20P
30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifier
REV. A
AD8622 AD-AD8622 Datasheet
550Kb / 20P
30 V, Micropower, Overvoltage Protection
REV. A
AD8622 AD-AD8622 Datasheet
210Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV.D
AD8622 AD-AD8622 Datasheet
596Kb / 20P
Low Power, Precision Rail-to-Rail Output Op Amp
Rev. D
More results

Similar Description - AD8622

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
Low Noise, Rail-to-Rail Precision Op Amp
logo
National Semiconductor ...
LMV301 NSC-LMV301 Datasheet
624Kb / 19P
Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
logo
Linear Technology
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
Low Noise, Rail-to-Rail Precision Op Amp
logo
Analog Devices
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
logo
Texas Instruments
OPA2140 TI-OPA2140 Datasheet
807Kb / 25P
High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
logo
Analog Devices
AD8624 AD-AD8624 Datasheet
165Kb / 4P
Quad, Low Power, Precision Rail-to-Rail Output Op Amp
Rev. PrA
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT1677 LINER-LT1677_15 Datasheet
553Kb / 20P
Low Noise, Rail-to-Rail Precision Op Amp
logo
Texas Instruments
OPA191 TI1-OPA191_17 Datasheet
3Mb / 49P
Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
logo
Renesas Technology Corp
ISL28156 RENESAS-ISL28156 Datasheet
1Mb / 13P
39μA Micropower Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amp
January 16, 2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com