Electronic Components Datasheet Search
  English  ▼

X  

SN75158 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75158
Description  DUAL DIFFERENTIAL LINE DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75158 Datasheet(HTML) 4 Page - Texas Instruments

  SN75158 Datasheet HTML 1Page - Texas Instruments SN75158 Datasheet HTML 2Page - Texas Instruments SN75158 Datasheet HTML 3Page - Texas Instruments SN75158 Datasheet HTML 4Page - Texas Instruments SN75158 Datasheet HTML 5Page - Texas Instruments SN75158 Datasheet HTML 6Page - Texas Instruments SN75158 Datasheet HTML 7Page - Texas Instruments SN75158 Datasheet HTML 8Page - Texas Instruments SN75158 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN75158
DUAL DIFFERENTIAL LINE DRIVER
SLLS085B – JANUARY 1977 – REVISED MAY 1995
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOD2
50
Ω
VOC
50
Ω
Figure 1. Differential and Common-Mode Output Voltages
CL = 30 pF
(see Note B)
Input
Y Output
Z Output
100
Ω
100
Ω
TERMINATION C
Y
Z
Y
Z
Z
Y
TERMINATION B
TERMINATION A
Input
10%
90%
50%
3 V
0 V
tPHL
tPLH
Differential
Output
50%
VOLTAGE WAVEFORMS
Overshoot
0%
100%
90%
50%
10%
90%
10%
10%
50%
90%
t TLH
t THL
≤ 5 ns
TEST CIRCUITS
NOTES: A. The pulse generator has the following characteristics: ZO = 50 Ω, tw = 25 ns, PRR ≤ 10 MHz.
B. CL includes probe and jig capacitance.
≤ 5 ns
CL = 15 pF
(see Note B)
CL = 15 pF
(see Note B)
Overshoot
Pulse
Generator
(see Note A)
Figure 2. Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com