Electronic Components Datasheet Search
  English  ▼

X  

LMR25C Datasheet(PDF) 4 Page - SunLED Corporation

Part # LMR25C
Description  3.2mm ROUND SOLID STATE LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LMR25C Datasheet(HTML) 4 Page - SunLED Corporation

  LMR25C Datasheet HTML 1Page - SunLED Corporation LMR25C Datasheet HTML 2Page - SunLED Corporation LMR25C Datasheet HTML 3Page - SunLED Corporation LMR25C Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Published Date : MAR 18,2008
Drawing No :SDSA2783
V4
Checked : B.L.LIU
P.4/4
Part Number:
LMR25C
3.2mm ROUND SOLID STATE LED LAMP
www.SunLED.com
PACKING & LABEL SPECIFICATIONS
LMR25C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com