Electronic Components Datasheet Search
  English  ▼

X  

SYPD-2 Datasheet(PDF) 1 Page - Mini-Circuits

Part # SYPD-2
Description  Surface Mount Phase Detector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SYPD-2 Datasheet(HTML) 1 Page - Mini-Circuits

  SYPD-2 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
50Ω
High Output
10 to 200 MHz
Phase Detector
Surface Mount
CASE STYLE: TTT167
PRICE: $18.95 ea. QTY (1-9)
Demo Board MCL P/N: TB-12
Suggested PCB Layout (PL-079)
Maximum Ratings
Pin Connections
RF REF (RF2)
2
RF IN (RF1)
1
DC OUT (I)
3
GROUND
4,5,6
Phase Detector Electrical Specifications
REV. C
M112207
SYPD-2
DJ/TD/AM
070810
Typical Performance Data
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.
SYPD-2+
SYPD-2
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
Input Power
50mW
Peak IF current
20mA
Features
• wideband, 10 to 200 MHz
• low DC offset, 0.3 mV typ.
• high DC output, 1000 mV typ.
• high isolation, 40 dB min.
Applications
• monitoring circuits
• leveling circuits
• PLL
SYPD-2
DC OUTPUT
-1000
-960
-920
-880
-840
-800
10
48
86
124
162
200
FREQUENCY (MHz)
at RF/LO power = 7 dBm
SYPD-2
DC OFFSET
-0.4
-0.2
0.0
0.2
0.4
0.6
10
48
86
124
162
200
FREQUENCY (MHz)
at RF/LO power = 7 dBm
SYPD-2
RF1-RF2 ISOLATION
40
50
60
70
80
90
10
48
86
124
162
200
FREQUENCY (MHz)
at RF/LO power = 7 dBm
electrical schematic
FREQUENCY
(MHz)
POWER
IN
SCALE
FACTOR
IMPEDANCE
(ohms)
Output
Load
I
ISOLATION
(dB)
OUTPUT
POLARITY
DC OUTPUT
(mV)
FIGURE
OF
MERIT
RF1
RF1
I
RF2
RF1/RF2
RF1/RF2
Max.
Offset
RF2
(dBm)
mV/deg.
Min.
In-Phase
Typ. Min. Typ. Max.
Typ.
10-200
DC-50
7
8
500
40
neg.
100
700
0.3
1
143
Frequency
(MHz)
DC Output
mV
DC Offset
mV
RF1-RF2 Isolation
(dB)
—
X
σ
—
X
σ
—
X
10.00
-832.85
8.84
-0.20
0.31
73.96
20.00
-852.33
8.56
-0.21
0.32
71.39
32.86
-873.37
8.31
-0.22
0.33
68.61
40.00
-885.64
8.09
-0.23
0.33
67.41
46.79
-894.39
7.95
-0.23
0.33
66.22
60.71
-917.70
7.62
-0.22
0.35
64.00
74.64
-935.82
7.73
-0.25
0.37
61.81
80.00
-941.09
7.83
-0.24
0.37
61.28
88.57
-947.91
8.28
-0.23
0.38
60.45
100.00
-941.46
8.44
-0.28
0.40
59.49
110.00
-942.62
8.94
-0.29
0.41
58.55
120.00
-940.69
9.51
-0.22
0.40
57.75
130.36
-938.41 10.59
-0.19
0.39
57.17
140.00
-936.70 11.75
-0.16
0.37
56.90
144.29
-934.52 12.34
-0.17
0.36
56.82
150.00
-929.14 12.91
-0.13
0.38
56.68
158.21
-919.94 13.74
-0.08
0.40
56.42
172.14
-890.67 15.14
0.06
0.41
55.90
186.07
-863.24 17.28
0.28
0.31
55.11
200.00
-867.58 20.41
0.44
0.24
54.28
Outline Drawing
A
B
C
D
E
F
G
H
J
K
.38
.50
.23
.020
.075
.250
.425
.187
.050
.050
9.65 12.70
5.84
0.51
1.91
6.35 10.80
4.75
1.27
1.27
L
M
N
P
Q
R
S
T
wt.
.070
.270
.540
.060
.095
.445
.208
.415
grams
1.78
6.86 13.72
1.52
2.41 11.30
5.28 10.54
0.8
Suggested Layout,
Tolerance to be within
±.002
PCB Land Pattern
Outline Dimensions ( )
inch
mm


Similar Part No. - SYPD-2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SYPD-2 MINI-SYPD-2 Datasheet
68Kb / 1P
Phase Detectors 1000mV DC output , 7dBmRF
SYPD-2+ MINI-SYPD-2+ Datasheet
204Kb / 1P
PHASE DETECTORS
More results

Similar Description - SYPD-2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SYPD-1+ MINI-SYPD-1+ Datasheet
197Kb / 1P
Surface Mount Phase Detector
logo
Micronetics, Inc.
4038 MICRONETICS-4038 Datasheet
33Kb / 1P
COMMERCIAL SURFACE MOUNT DETECTOR
logo
Rohm
RPI-1031 ROHM-RPI-1031 Datasheet
74Kb / 2P
Surface Mount type 4 Direction Detector
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2860 AVAGO-HSMS-2860_15 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
logo
Teledyne Technologies I...
PSD200125 TELEDYNE-PSD200125 Datasheet
116Kb / 4P
Surface Mount Analog Level Detector
PSD400125 TELEDYNE-PSD400125 Datasheet
89Kb / 4P
Surface Mount Analog Level Detector
logo
Broadcom Corporation.
HSMS-2863 BOARDCOM-HSMS-2863 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-2865 BOARDCOM-HSMS-2865 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
logo
Mini-Circuits
SYPD-52 MINI-SYPD-52 Datasheet
140Kb / 1P
Phase Detector
SYPD-52W MINI-SYPD-52W Datasheet
156Kb / 1P
Phase Detector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com