Electronic Components Datasheet Search
  English  ▼

X  

XC61F Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC61F
Description  Voltage Detectors, Delay Circuit Built-In
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61F Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC61F Datasheet HTML 6Page - Torex Semiconductor XC61F Datasheet HTML 7Page - Torex Semiconductor XC61F Datasheet HTML 8Page - Torex Semiconductor XC61F Datasheet HTML 9Page - Torex Semiconductor XC61F Datasheet HTML 10Page - Torex Semiconductor XC61F Datasheet HTML 11Page - Torex Semiconductor XC61F Datasheet HTML 12Page - Torex Semiconductor XC61F Datasheet HTML 13Page - Torex Semiconductor XC61F Datasheet HTML 14Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13/14
XC61F
Series
F
6 1
①
④
③
②
⑤
⑥
⑦
12
3
MARK
CONFIGURATION
VOLTAGE (V)
A
CMOS
0.x
B
CMOS
1.x
C
CMOS
2.x
D
CMOS
3.x
E
CMOS
4.x
F
CMOS
5.x
H
CMOS
6.x
N-channel open drain (XC61FN series)
MARK
CONFIGURATION
VOLTAGE (V)
K
N-ch
0.x
L
N-ch
1.x
M
N-ch
2.x
N
N-ch
3.x
P
N-ch
4.x
R
N-ch
5.x
S
N-ch
6.x
MARK
VOLTAGE (V)
MARK
VOLTAGE (V)
0
x.0
5
x.5
1
x.1
6
x.6
2
x.2
7
x.7
3
x.3
8
x.8
4
x.4
9
x.9
VOLTAGE (V)
DELAY TIME
5
50 ~ 200ms
6
80 ~ 400ms
7
1 ~ 50ms
MARK
OUTPUT CONFIGURATION
C
CMOS
N
N-ch
MARK
②
③
VOLTAGE (V)
3
3
3.3
5
0
5.0
MARK
DELAY TIME
1
50ms ~ 200ms
4
80ms ~ 400ms
5
1ms ~ 50ms
MARK
DETECT VOLTAGE ACCURACY
2
Within +2%
MARK
PRODUCTION YEAR
3
2003
4
2004
■MARKING RULE
●SOT-23, SOT-89
①Represents integer of detect voltage and output configuration
CMOS output (XC61FC series)
②Represents decimal number of detect voltage
③Represents delay time
④Represents assembly lot number (Based on internal standards)
●TO-92
①Represents output configuration
②, ③Represents detect voltage
④Represents delay time
⑤Represents detect voltage accuracy
⑥Represents a least significant digit of the production year (ex.)
⑦Represents production lot number
0 to 9, A to Z repeated (G, I, J, O, Q, W expected)
①
②
③ ④
12
3
12
3
TO-92 (L Type)
(TOP VIEW)
TO-92 (T Type)
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com