Electronic Components Datasheet Search
  English  ▼

X  

74LVQ125 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74LVQ125
Description  LOW VOLTAGE QUAD BUS BUFFERS (3-STATE)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ125 Datasheet(HTML) 4 Page - STMicroelectronics

  74LVQ125 Datasheet HTML 1Page - STMicroelectronics 74LVQ125 Datasheet HTML 2Page - STMicroelectronics 74LVQ125 Datasheet HTML 3Page - STMicroelectronics 74LVQ125 Datasheet HTML 4Page - STMicroelectronics 74LVQ125 Datasheet HTML 5Page - STMicroelectronics 74LVQ125 Datasheet HTML 6Page - STMicroelectronics 74LVQ125 Datasheet HTML 7Page - STMicroelectronics 74LVQ125 Datasheet HTML 8Page - STMicroelectronics 74LVQ125 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
74LVQ125
4/12
Table 8: AC Electrical Characteristics (CL = 50 pF, RL = 500 Ω, Input tr = tf = 3ns)
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH = |tPLHm - tPLHn|, tOSHL = |tPHLm - tPHLn|)
2) Parameter guaranteed by design
(*) Voltage range is 3.3V
± 0.3V
Table 9: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4 (per gate)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH tPHL Propagation Delay
Time
2.7(*)
6.0
10.0
12.0
14.0
ns
3.3(**)
5.0
8.0
9.5
11.0
tPLZ tPHZ Output Disable
Time
2.7(*)
6.5
10.5
12.5
14.5
ns
3.3(**)
5.5
8.5
10.0
11.5
tPZL tPZH Output Enable
Time
2.7(*)
6.8
11.0
12.5
14.0
ns
3.3(**)
5.6
8.0
9.5
11.0
tOSLH
tOSHL
Output To Output
Skew Time
(note1, 2)
2.7
0.5
1.0
1.0
1.0
ns
3.3(*)
0.5
1.0
1.0
1.0
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
3.3
4
pF
COUT
Output
Capacitance
3.3
8
pF
CPD
Power Dissipation
Capacitance (note
1)
3.3
fIN = 10MHz
19
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com