Electronic Components Datasheet Search
  English  ▼

X  

STG6684 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STG6684
Description  High isolation dual SPDT analog switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG6684 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STG6684 Datasheet HTML 4Page - STMicroelectronics STG6684 Datasheet HTML 5Page - STMicroelectronics STG6684 Datasheet HTML 6Page - STMicroelectronics STG6684 Datasheet HTML 7Page - STMicroelectronics STG6684 Datasheet HTML 8Page - STMicroelectronics STG6684 Datasheet HTML 9Page - STMicroelectronics STG6684 Datasheet HTML 10Page - STMicroelectronics STG6684 Datasheet HTML 11Page - STMicroelectronics STG6684 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Electrical characteristics
STG6684
8/24
RFLAT,
Tn
ON resistance
flatness for Tn
channels(2)
4.3
VS = 0 to VCC
IS = 100 mA
0.45
0.50
0.55
Ω
3.6
0.45
0.50
0.55
3.0
0.50
0.55
0.60
2.7
0.55
0.60
0.70
1.8
1.10
1.70
2.00
RFLAT,
Sn
ON resistance
flatness for Sn
channels(2)
4.3
VS = 0 to VCC
IS = 100 mA
0.15
0.20
0.20
Ω
3.6
0.15
0.20
0.20
3.0
0.15
0.20
0.20
2.7
0.15
0.20
0.20
1.8
0.35
0.55
0.66
IOFF
OFF state
leakage current
(Tn), (Sn), (Dn)
4.3
VS = 0.3 or 4 V
±0.1
±1
μA
ISEL
SEL leakage
current
0
−4.3
VSEL = 0 to 4.3 V
±0.05
±1
μA
ICC
Quiescent
supply current
1.65
−4.3
VSEL =VCC or
GND
±0.05
±0.2
μA
ICCLV
Quiescent
supply current
low voltage
driving
4.3
VSEL = 1.65 V
±37
±50
±100
μA
VSEL = 1.80 V
±33
±40
±50
VSEL = 2.60 V
±12
±20
±30
1.
ΔRON =RON(max) -RON(min).
2.
Flatness is defined as the difference between the maximum and minimum value of on-resistance as
measured over the specified analog signal ranges.
Table 6.
DC specifications
Symbol
Parameter
VCC
(V)
Test condition
Value
Unit
TA =25°C
-40 to 85 °C
Min
Typ
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com