Electronic Components Datasheet Search
  English  ▼

X  

M74HC40103 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC40103
Description  8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC40103 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC40103 Datasheet HTML 1Page - STMicroelectronics M74HC40103 Datasheet HTML 2Page - STMicroelectronics M74HC40103 Datasheet HTML 3Page - STMicroelectronics M74HC40103 Datasheet HTML 4Page - STMicroelectronics M74HC40103 Datasheet HTML 5Page - STMicroelectronics M74HC40103 Datasheet HTML 6Page - STMicroelectronics M74HC40103 Datasheet HTML 7Page - STMicroelectronics M74HC40103 Datasheet HTML 8Page - STMicroelectronics M74HC40103 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
M74HC40103
2/16
(25510) regardless of the state of any other input.
The precedence relationship between control
input is indicated in the truth table. If all control
inputs are high at the time of zero count, the
counters will jump to the maximum count giving a
INPUT AND OUTPUT EQUIVALENT CIRCUIT
counting sequence of 256 clock pulses long. The
HC40103 may be cascaded using the CI/CE input
and the CO/ZD output, in either a synchronous or
ripple
mode.
All
inputs
are
equipped
with
protection circuits against static discharge and
transient excess voltage.
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
Maximum Count is "255"
PIN No
SYMBOL
NAME AND FUNCTION
1
CLOCK
Clock Input (LOW to
HIGH edge triggered)
2
CLEAR
Asynchronous Master
Reset Input (Active Low)
3
CI/CE
Terminal Enable Input
4, 5, 6, 7, 10,
11, 12, 13
J0 to J9
Jam Inputs
9APE
Asynchronous Preset
Enable Inputs(Active Low)
14
CO/ZD
Terminal Count Output
(Active Low)
15
SPE
Synchronous Preset
Enable Input (Active Low)
8
GND
Ground (0V)
16
Vcc
Positive Supply Voltage
CONTROL INPUTS
MODE
FUNCTIONAL DESCRIPTION
CLEAR
APE
SPE
CI/CE
H
H
H
H
COUNT INHIBIT
EVEN IF CLOCK IS GIVEN, NO COUNT IS MADE
H
H
H
L
REGULAR COUNT
DOWN COUNT AT RISING EDGE OF CLOCK
HH
L
X
SYNCHRONOUS
PRESET
DATA OF PI TERMINAL IS PRESET AT RISING
EDGE OF CLOCK
HL
XX
ASYNCHRONOUS
PRESET
DATA OF PI TERMINAL IS ASYNCHRONOUSLY
PRESET TO CLOCK
L
X
X
X
CLEAR
COUNTER IS SET TO MAXIMUM COUNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com