Electronic Components Datasheet Search
  English  ▼

X  

M74HC4040 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC4040
Description  12 STAGE BINARY COUNTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4040 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC4040 Datasheet HTML 1Page - STMicroelectronics M74HC4040 Datasheet HTML 2Page - STMicroelectronics M74HC4040 Datasheet HTML 3Page - STMicroelectronics M74HC4040 Datasheet HTML 4Page - STMicroelectronics M74HC4040 Datasheet HTML 5Page - STMicroelectronics M74HC4040 Datasheet HTML 6Page - STMicroelectronics M74HC4040 Datasheet HTML 7Page - STMicroelectronics M74HC4040 Datasheet HTML 8Page - STMicroelectronics M74HC4040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
M74HC4040
2/11
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
PIN No
SYMBOL
NAME AND FUNCTION
9, 7, 6, 5, 3,
2, 4, 13, 12,
14, 15, 1
Q1 to Q12
Parallel Outputs
10
CLOCK
Clock Input (LOW to
HIGH, Edge Triggered)
11
CLEAR
Reset Inputs
8
GND
Ground (0V)
16
Vcc
Positive Supply Voltage
CLOCK
CLEAR
OUTPUT STATE
X
H
ALL OUTPUTS = "L"
L
NO CHANGE
L
ADVANCE TO NEXT STATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com