Electronic Components Datasheet Search
  English  ▼

X  

M74HC4050 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC4050
Description  HEX BUFFER/CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4050 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC4050 Datasheet HTML 1Page - STMicroelectronics M74HC4050 Datasheet HTML 2Page - STMicroelectronics M74HC4050 Datasheet HTML 3Page - STMicroelectronics M74HC4050 Datasheet HTML 4Page - STMicroelectronics M74HC4050 Datasheet HTML 5Page - STMicroelectronics M74HC4050 Datasheet HTML 6Page - STMicroelectronics M74HC4050 Datasheet HTML 7Page - STMicroelectronics M74HC4050 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
July 2001
s
HIGH SPEED:
tPD = 8ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC = 1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 6mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 4050
DESCRIPTION
The M74HC4049 is an high speed CMOS HEX
BUFFER fabricated with silicon gate
C2MOS
technology.
The internal circuit is composed of 3 stages, which
enables high noise immunity and a stable output.
Input protection circuits are different from those of
the high speed CMOS IC’s.
The Vcc side diodes are designed to allow
logic-level conversion from high-level voltages (up
to 13V) to low level voltages.
M74HC4050
HEX BUFFER/CONVERTER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC4050B1R
SOP
M74HC4050M1R
M74HC4050RM13TR
TSSOP
M74HC4050TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC4050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4050 STMICROELECTRONICS-M74HC4050 Datasheet
248Kb / 11P
HC4050 HEX BUFFER/CONVERTER HC4049 HEX BUFFER/CONVERTER INVERTER
Mar-1993
M74HC4050B1R STMICROELECTRONICS-M74HC4050B1R Datasheet
248Kb / 11P
HC4050 HEX BUFFER/CONVERTER HC4049 HEX BUFFER/CONVERTER INVERTER
Mar-1993
M74HC4050C1R STMICROELECTRONICS-M74HC4050C1R Datasheet
248Kb / 11P
HC4050 HEX BUFFER/CONVERTER HC4049 HEX BUFFER/CONVERTER INVERTER
Mar-1993
M74HC4050F1R STMICROELECTRONICS-M74HC4050F1R Datasheet
248Kb / 11P
HC4050 HEX BUFFER/CONVERTER HC4049 HEX BUFFER/CONVERTER INVERTER
Mar-1993
M74HC4050M1R STMICROELECTRONICS-M74HC4050M1R Datasheet
248Kb / 11P
HC4050 HEX BUFFER/CONVERTER HC4049 HEX BUFFER/CONVERTER INVERTER
Mar-1993
More results

Similar Description - M74HC4050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4049 STMICROELECTRONICS-M54HC4049 Datasheet
248Kb / 11P
HC4050 HEX BUFFER/CONVERTER HC4049 HEX BUFFER/CONVERTER INVERTER
Mar-1993
logo
System Logic Semiconduc...
SL4049B SLS-SL4049B Datasheet
33Kb / 4P
Hex Buffer/Converter
SL4050B SLS-SL4050B Datasheet
32Kb / 4P
Hex Buffer/Converter
logo
Intersil Corporation
CD4010BMS INTERSIL-CD4010BMS Datasheet
78Kb / 8P
CMOS Hex Buffer/Converter
November 1994
CD4049UBT INTERSIL-CD4049UBT Datasheet
33Kb / 3P
CMOS Hex Buffer/Converter
July 1999
CD4050BMS INTERSIL-CD4050BMS Datasheet
81Kb / 7P
CMOS Hex Buffer/Converter
December 1992
CD4049BMS INTERSIL-CD4049BMS Datasheet
85Kb / 7P
CMOS Hex Buffer/Converter
December 1992
logo
STMicroelectronics
HCF4049UB STMICROELECTRONICS-HCF4049UB Datasheet
119Kb / 9P
HEX BUFFER/CONVERTER (INVERTING)
Mar-2004
logo
Toshiba Semiconductor
TC4049BP TOSHIBA-TC4049BP_07 Datasheet
302Kb / 8P
Hex Buffer/Converter
logo
Renesas Technology Corp
CD4049UBMS RENESAS-CD4049UBMS Datasheet
414Kb / 11P
CMOS Hex Buffer/Converter
March 6, 2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com