Electronic Components Datasheet Search
  English  ▼

X  

M74HC4051 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC4051
Description  Single 8-channel analog multiplexer/demultiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4051 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC4051_08 Datasheet HTML 1Page - STMicroelectronics M74HC4051_08 Datasheet HTML 2Page - STMicroelectronics M74HC4051_08 Datasheet HTML 3Page - STMicroelectronics M74HC4051_08 Datasheet HTML 4Page - STMicroelectronics M74HC4051_08 Datasheet HTML 5Page - STMicroelectronics M74HC4051_08 Datasheet HTML 6Page - STMicroelectronics M74HC4051_08 Datasheet HTML 7Page - STMicroelectronics M74HC4051_08 Datasheet HTML 8Page - STMicroelectronics M74HC4051_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
April 2008
Rev 4
1/17
17
M74HC4051
Single 8-channel
analog multiplexer/demultiplexer
Features
Low power dissipation:
–ICC = 4 μA(max) at TA=25°C
Logic level translation to enable 5 V logic signal
to communicate with
± 5 V analog signal
Low ON resistance:
70
Ω typ (VCC - VEE = 4.5 V)
50
Ω typ (VCC - VEE = 9 V)
Wide analog input voltage range :
± 6V
Fast switching:
tpd = 15 ns (typ) at TA = 25 °C
Low crosstalk between switches
High ON/OFF output voltage ratio
Wide operating supply voltage range
(VCC - VEE) = 2 to 12 V
Low sine wave distortion:
0.02% at VCC - VEE = 9 V
High noise immunity:
VNIH = VNIL = 28 % VCC (min)
Pin and function compatible with
74 series 4051
Description
The M74HC4051 is a single 8-channel analog
multiplexer/demultiplexer fabricated with silicon
gate C2MOS technology, pin-to-pin compatible
with the equivalent metal gate CMOS4000B
series. It contains 8 bidirectional and digitally
controlled analog switches.
A built-in level shifting is included to allow an input
range up to
± 6 V (peak) for an analog signal with
digital control signal of 0 to 6 V.
The VEE supply pin is provided for analog input
signals. It has an inhibit (INH) input terminal to
disable all the switches when is at high level. For
operation as a digital multiplexer/demultiplexer,
VEE is connected to GND.
A, B and C control inputs select one channel out
of eight. All inputs are equipped with protection
circuits against static discharge and transient
excess voltage.
PDIP-16
SOP-16
TSSOP-16
Table 1.
Device summary
Order code
Package
Packaging
M74HC4051RM13TR
SOP-16
Tape and reel
M74HC4051TTR
TSSOP-16
Tape and reel
www.st.com


Similar Part No. - M74HC4051_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4051B1R STMICROELECTRONICS-M74HC4051B1R Datasheet
301Kb / 15P
ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Oct-1993
M74HC4051B1R STMICROELECTRONICS-M74HC4051B1R Datasheet
232Kb / 12P
SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Jul-2001
M74HC4051C1R STMICROELECTRONICS-M74HC4051C1R Datasheet
301Kb / 15P
ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Oct-1993
M74HC4051F1R STMICROELECTRONICS-M74HC4051F1R Datasheet
301Kb / 15P
ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Oct-1993
M74HC4051M1R STMICROELECTRONICS-M74HC4051M1R Datasheet
301Kb / 15P
ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Oct-1993
More results

Similar Description - M74HC4051_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
STMicroelectronics
M74HC4051 STMICROELECTRONICS-M74HC4051 Datasheet
232Kb / 12P
SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Jul-2001
M74HCT4051 STMICROELECTRONICS-M74HCT4051 Datasheet
309Kb / 14P
SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Mar-2003
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
8-Channel Analog Multiplexer/Demultiplexer
logo
STMicroelectronics
HCF4051B STMICROELECTRONICS-HCF4051B_02 Datasheet
543Kb / 10P
SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Oct-2002
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Fairchild Semiconductor
CD4052BCMX FAIRCHILD-CD4052BCMX Datasheet
145Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
CD4051B TI1-CD4051B_15 Datasheet
1Mb / 38P
CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com