Electronic Components Datasheet Search
  English  ▼

X  

M74HC4518 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC4518
Description  DUAL DECADE COUNTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4518 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC4518 Datasheet HTML 1Page - STMicroelectronics M74HC4518 Datasheet HTML 2Page - STMicroelectronics M74HC4518 Datasheet HTML 3Page - STMicroelectronics M74HC4518 Datasheet HTML 4Page - STMicroelectronics M74HC4518 Datasheet HTML 5Page - STMicroelectronics M74HC4518 Datasheet HTML 6Page - STMicroelectronics M74HC4518 Datasheet HTML 7Page - STMicroelectronics M74HC4518 Datasheet HTML 8Page - STMicroelectronics M74HC4518 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
July 2001
s
HIGH SPEED :
fMAX = 60 MHz (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 4518
DESCRIPTION
The M74HC4518 is an high speed CMOS DUAL
BINARY COUNTER fabricated with silicon gate
C2MOS technology.
It consist of two identical internally synchronous
4-stage counters. The counter stages are D-TYPE
flip-flops having interchangeable CLOCK and
ENABLE inputs for incrementing on either the
positive-going or negative-going transition.
For single-unit operation the ENABLE input is
maintained "high" and the counter advances on
each positive-going transition of the CLOCK. The
counters are cleared by high levels on their clear
lines.
The counter can be cascaded in the ripple mode
by connecting Q4 to the enable input of the
subsequent counter while the clock input of the
latter is held permanently low.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC4518
DUAL DECADE COUNTER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC4518B1R
SOP
M74HC4518M1R
M74HC4518RM13TR
TSSOP
M74HC4518TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC4518

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4518 STMICROELECTRONICS-M74HC4518 Datasheet
270Kb / 13P
HC4518 DUAL DECADE COUNTER HC4520 DUAL 4 BIT BINARY COUNTER
Mar-1993
M74HC4518B1R STMICROELECTRONICS-M74HC4518B1R Datasheet
270Kb / 13P
HC4518 DUAL DECADE COUNTER HC4520 DUAL 4 BIT BINARY COUNTER
Mar-1993
M74HC4518C1R STMICROELECTRONICS-M74HC4518C1R Datasheet
270Kb / 13P
HC4518 DUAL DECADE COUNTER HC4520 DUAL 4 BIT BINARY COUNTER
Mar-1993
M74HC4518F1R STMICROELECTRONICS-M74HC4518F1R Datasheet
270Kb / 13P
HC4518 DUAL DECADE COUNTER HC4520 DUAL 4 BIT BINARY COUNTER
Mar-1993
M74HC4518M1R STMICROELECTRONICS-M74HC4518M1R Datasheet
270Kb / 13P
HC4518 DUAL DECADE COUNTER HC4520 DUAL 4 BIT BINARY COUNTER
Mar-1993
More results

Similar Description - M74HC4518

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS390 MOTOROLA-SN54LS390 Datasheet
193Kb / 7P
DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
SN54LS490 MOTOROLA-SN54LS490 Datasheet
161Kb / 5P
DUAL DECADE COUNTER
logo
ON Semiconductor
SN54-74LS390 ONSEMI-SN54-74LS390 Datasheet
71Kb / 5P
DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
logo
NXP Semiconductors
74HC390 PHILIPS-74HC390 Datasheet
49Kb / 7P
Dual decade ripple counter
December 1990
logo
STMicroelectronics
M54HC390 STMICROELECTRONICS-M54HC390 Datasheet
266Kb / 13P
DUAL DECADE COUNTER
Feb-1993
logo
List of Unclassifed Man...
74HC390 ETC1-74HC390 Datasheet
256Kb / 6P
DUAL DECADE RIPPLE COUNTER
logo
STMicroelectronics
M74HC390 STMICROELECTRONICS-M74HC390 Datasheet
371Kb / 17P
Dual decade counter
21-Jul-2006
logo
ON Semiconductor
MC14017BDR2G ONSEMI-MC14017BDR2G Datasheet
144Kb / 8P
Decade Counter
April, 2013 ??Rev. 8
MC14017BDG ONSEMI-MC14017BDG Datasheet
144Kb / 8P
Decade Counter
April, 2013 ??Rev. 8
logo
Nexperia B.V. All right...
74HC390 NEXPERIA-74HC390 Datasheet
257Kb / 15P
Dual decade ripple counter
Rev. 5 - 18 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com