Electronic Components Datasheet Search
  English  ▼

X  

LUGR58M Datasheet(PDF) 1 Page - SunLED Corporation

Part # LUGR58M
Description  T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LUGR58M Datasheet(HTML) 1 Page - SunLED Corporation

  LUGR58M Datasheet HTML 1Page - SunLED Corporation LUGR58M Datasheet HTML 2Page - SunLED Corporation LUGR58M Datasheet HTML 3Page - SunLED Corporation LUGR58M Datasheet HTML 4Page - SunLED Corporation LUGR58M Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.SunLED.com
Part Number
:
LUGR58M
T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
Published Date : MAR 22,2008
Drawing No :SDSA1473
V4
Checked : B.L.LIU
P.1/5
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
Features
LOW POWER CONSUMPTION.
I.C. COMPATIBLE.
LONG LIFE - SOLID STATE RELIABILITY.
RoHS COMPLIANT.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
LUGR58M
Red
GaAsP/GaP
White Diffused
10
29
627
Green
GaP
10
19
565
60
°
Operating Characteristics
(TA=25°C)
UR
(GaAsP/
GaP)
UG
(GaP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.0
2.2
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
2.5
V
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
627
565
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
625
568
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
45
30
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
15
pF
Absolute Maximum Ratings
(TA=25°C)
UR
(GaAsP/
GaP)
UG
(GaP)
Unit
Forward Current
IF
30
25
mA
Forward Current (Peak)
1/10Duty Cycle
0.1ms Pulse Width
iFS
160
140
mA
Power Dissipation
PT
75
62.5
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
R.
CHE
N
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用, ou=SPEC
專用,
email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.03.24
08:16:53 +08'00'


Similar Part No. - LUGR58M

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
LUGR59M SUNLED-LUGR59M Datasheet
226Kb / 5P
T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
LUGR59MCA SUNLED-LUGR59MCA Datasheet
230Kb / 5P
T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
LUGR59W SUNLED-LUGR59W Datasheet
225Kb / 5P
T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
More results

Similar Description - LUGR58M

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-59EGC KINGBRIGHT-L-59EGC Datasheet
60Kb / 3P
T-1 3/4(5mm) BI-COLOR INDICATOR LAMP
W5A9EGW123SF KINGBRIGHT-W5A9EGW123SF Datasheet
88Kb / 3P
T-1 3/4(5mm) BI-COLOR INDICATOR LAMP
WP57EGW KINGBRIGHT-WP57EGW Datasheet
454Kb / 7P
T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
WP57EYW KINGBRIGHT-WP57EYW Datasheet
455Kb / 7P
T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
WP57GYW KINGBRIGHT-WP57GYW Datasheet
455Kb / 7P
T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
WP59EGW KINGBRIGHT-WP59EGW Datasheet
462Kb / 7P
T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
WP59GYC KINGBRIGHT-WP59GYC Datasheet
462Kb / 7P
T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
WP59SURKMGKW KINGBRIGHT-WP59SURKMGKW Datasheet
146Kb / 5P
T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
logo
SunLED Corporation
LUGR59M SUNLED-LUGR59M Datasheet
226Kb / 5P
T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
LUGY59M SUNLED-LUGY59M Datasheet
228Kb / 5P
T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com