Electronic Components Datasheet Search
  English  ▼

X  

M74HCT164 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HCT164
Description  8 BIT SIPO SHIFT REGISTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT164 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HCT164 Datasheet HTML 1Page - STMicroelectronics M74HCT164 Datasheet HTML 2Page - STMicroelectronics M74HCT164 Datasheet HTML 3Page - STMicroelectronics M74HCT164 Datasheet HTML 4Page - STMicroelectronics M74HCT164 Datasheet HTML 5Page - STMicroelectronics M74HCT164 Datasheet HTML 6Page - STMicroelectronics M74HCT164 Datasheet HTML 7Page - STMicroelectronics M74HCT164 Datasheet HTML 8Page - STMicroelectronics M74HCT164 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
M74HCT164
2/11
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
QAn - QGn : The level of QA - QG, respectively. before the most-recent transition of the clock
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
PIN No
SYMBOL
NAME AND FUNCTION
1,2
A, B
Data Inputs
3, 4, 5, 6, 10,
11, 12, 13
QA to QH
Outputs
8
CLOCK
Clock Input (LOW to
HIGH, Edge Triggered
9
CLEAR
Master Reset Input
7
GND
Ground (0V)
14
Vcc
Positive Supply Voltage
INPUTS
OUTPUTS
CLEAR
CLOCK
SERIAL IN
QA
QB
...........
QH
AB
L
X
X
X
L
L
...........
L
H
X
X
NO CHANGE
H
L
X
L
QAn
...........
QGn
H
X
L
L
QAn
...........
QGn
H
H
H
H
QAn
...........
QGn



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com