Electronic Components Datasheet Search
  English  ▼

X  

HV2221 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV2221
Description  Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2221 Datasheet(HTML) 4 Page - Supertex, Inc

  HV2221 Datasheet HTML 1Page - Supertex, Inc HV2221 Datasheet HTML 2Page - Supertex, Inc HV2221 Datasheet HTML 3Page - Supertex, Inc HV2221 Datasheet HTML 4Page - Supertex, Inc HV2221 Datasheet HTML 5Page - Supertex, Inc HV2221 Datasheet HTML 6Page - Supertex, Inc HV2221 Datasheet HTML 7Page - Supertex, Inc HV2221 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
HV2221
Sym
Parameter
0OC+25OC
+70OC
Units
Conditions
Min
Max
Min
Typ
Max
Min
Max
AC Electrical Characteristics
(Over recommended operating conditions: V
DD = +5.0V, tR = tF ≤5.0ns, 50% duty cycle, VPP = +40V, VNN = -200V, CLOAD = 20pF, unless otherwise specified)
t
SD
Set up time before LE rises
-
-
25
----
ns
---
t
WLE
Time width of LE
---
56
---
ns
V
DD = 3.0V
---
12
---
V
DD = 5.0V
t
DO
Clock delay time to data out
---
78
---
ns
V
DD = 3.0V
---
30
---
V
DD = 5.0V
t
WCL
Time width of CLR
-
-
55
----
ns
---
t
SU
Set up time data to clock
---
21
---
ns
V
DD = 3.0V
---
7.0
---
V
DD = 5.0V
t
H
Hold time data from clock
2.0
-
2.0
-
-
2.0
-
ns
V
DD = 3.0 or 5.0V
f
CLK
Clock frequency
----
8.0
--
MHz
V
DD = 3.0V
----
20
-
-
V
DD = 5.0V
t
R, tF
Clock rise and fall times
-
50
-
-
50
-
50
ns
---
t
ON
Turn on time
-
5.0
-
-
5.0
-
5.0
μs
V
SIG = -100V,
R
LOAD = 10kΩ to GND
t
OFF
Turn off time
-
5.0
-
-
5.0
-
5.0
dv/dt
Maximum V
SIG slew rate
-20-
-20-20
V/ns
V
PP = +40V, VNN = -200V
-20-
-20-20
V
PP = +50V, VNN = -190V
-20-
-20-20
V
PP = +15V, VNN = -225V
K
O
Off isolation
-30
-
-30
-33
-
-30
-
dB
f = 5.0MHz, V
OFFSET = -15V,
1.0KΩ/15pF load
-58
-
-58
-
-
-58
-
f = 5.0MHz, V
OFFSET = -15V,
50Ω load
K
CR
Switch crosstalk
-
-
-60
----
dB
f = 5.0MHz, V
OFFSET = -15V,
50Ω load
I
ID
Output switch isolation diode
current
-
300
-
-
300
-
300
mA
300ns pulse width,
2.0% duty cycle
C
SG(OFF)
Off capacitance SW to GND
-
-
-
18
-
-
-
pF
f = 1.0MHz, V
OFFSET = -15V
C
SG(ON)
On capacitance SW to GND
-
-
-
70
-
-
-
pF
f = 1.0MHz, V
OFFSET = -15V
+V
SPK
Output voltage spike
---
59
---
mV
V
PP = +40V, VNN = -200V,
R
LOAD = 50Ω
-V
SPK
---
115
---
+V
SPK
---
71
---
V
PP = +50V, VNN = -190V,
R
LOAD = 50Ω
-V
SPK
---
115
---
+V
SPK
---
56
---
V
PP = +15V, VNN = -225V,
R
LOAD = 50Ω
-V
SPK
---
115
---
QC
Charge injection
---
1950
---
pC
V
PP = +40V, VNN = -200V,
V
SIG = 0V
---
1890
---
V
PP = +50V, VNN = -190V,
V
SIG = 0V
---
2110
---
V
PP = +15V, VNN = -225V,
V
SIG = 0V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com