Electronic Components Datasheet Search
  English  ▼

X  

HV2321 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV2321
Description  Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch With Bleed Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2321 Datasheet(HTML) 3 Page - Supertex, Inc

  HV2321 Datasheet HTML 1Page - Supertex, Inc HV2321 Datasheet HTML 2Page - Supertex, Inc HV2321 Datasheet HTML 3Page - Supertex, Inc HV2321 Datasheet HTML 4Page - Supertex, Inc HV2321 Datasheet HTML 5Page - Supertex, Inc HV2321 Datasheet HTML 6Page - Supertex, Inc HV2321 Datasheet HTML 7Page - Supertex, Inc HV2321 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
HV2321
DC Electrical Characteristics
(Over operating conditions unless otherwise specified )
R
ONS
Small signal switch
on-resistance
---
-
14
-
-
Ω
I
SIG = 5.0mA
V
PP = +50V
V
NN = -190V
---
-
14
-
-
I
SIG = 200mA
---
-
15
-
-
I
SIG = 5.0mA
V
PP = +40V
V
NN = -200V
---
-
15
-
-
I
SIG = 200mA
----
-
23
-
-
I
SIG = 5.0mA
V
PP = +15V
V
NN = -225V
---
-
23
-
-
I
SIG = 200mA
ΔR
ONS
Small signal switch
on-resistance matching
-
20
-
5.0
20
-
20
%
I
SIG = 5.0mA, VPP = +40V,
V
NN = -200V
R
ONL
Large signal switch
on-resistance
---
9.2
-
--
Ω
V
SIG = 0V, ISIG = -1.0A
R
INT
Output switch bleed resistor
-
-
30
50
70
-
-
KΩ
Switch outputs to RGND pin
I
SOL
Switch off-leakage per switch
-
5.0
-
1.0
10
-
15
μA
V
SIG = VPP -10V, VNN +10V
V
OS(OFF)
DC offset switch off
-
300
-
100
300
-
300
mV
100KΩ load
V
OS(ON)
DC offset switch on
-
500
-
100
500
-
500
I
DDQ
Quiescent V
DD supply current
-
-
-
-
50
-
-
μA
All switches off
I
PPQ
Quiescent V
PP supply current
-
-
-
-
50
-
-
I
NNQ
Quiescent V
NN supply current
-
-
-
-
-50
-
-
I
DDQ
Quiescent V
DD supply current
-
-
-
-
50
-
-
μA
All switches on, I
SW = 5.0mA
I
PPQ
Quiescent V
PP supply current
-
-
-
-
50
-
-
I
NNQ
Quiescent V
NN supply current
-
-
-
-
-50
-
-
I
SW
Switch output peak current
---
4.5
---
A
V
SIG duty cycle
< 0.1%, 1.0μs
V
PP = +50V
V
NN = -190V
---
4.0
---
V
PP = +40V
V
NN = -200V
---
2.0
---
V
PP = +15V
V
NN = -225V
f
SW
Output switching frequency
-
-
-
50
-
-
kHz
Duty cycle = 50%
I
PP
Average V
PP supply current
-
-
-
5.6
7.5
-
-
mA
V
PP = +40V
V
NN = -200V
50kHz
output
switching
frequency
with no load
-
-
-
5.6
7.5
-
-
V
PP = +50V
V
NN = -190V
-
-
-
5.6
7.5
-
-
V
PP = +15V
V
NN = -225V
I
NN
Average V
NN supply current
-
-
-
5.8
7.5
-
-
mA
V
PP = +40V
V
NN = -200V
50kHz
output
switching
frequency
with no load
-
-
-
5.8
7.5
-
-
V
PP = +50V
V
NN = -190V
-
-
-
5.8
7.5
-
-
V
PP = +15V
V
NN = -225V
I
DD
Average V
DD supply current
-
4.5
-
-
4.5
-
4.5
mA
f
CLK = 5.0MHz, VDD = 5.0V
I
DDQ
Quiescent V
DD supply current
-
10
-
-
10
-
10
μA
All logic inputs are static
I
SOR
D
OUT source current
0.45
-
0.45
0.70
-
0.40
-
mA
V
OUT = VDD -0.7V
I
SINK
D
OUT sink current
0.45
-
0.45
0.70
-
0.40
-
mA
V
OUT = 0.7V
C
IN
Logic input capacitance
-
10
-
-
10
-
10
pF
---
Sym
Parameter
0OC+25OC
+70OC
Units
Conditions
Min
Max
Min
Typ
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com