Electronic Components Datasheet Search
  English  ▼

X  

LUY25C Datasheet(PDF) 1 Page - SunLED Corporation

Part # LUY25C
Description  3.2mm ROUND SOLID STATE LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LUY25C Datasheet(HTML) 1 Page - SunLED Corporation

  LUY25C Datasheet HTML 1Page - SunLED Corporation LUY25C Datasheet HTML 2Page - SunLED Corporation LUY25C Datasheet HTML 3Page - SunLED Corporation LUY25C Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : MAR 18,2008
Drawing No : SDSA2785
V4
Checked : B.L.LIU
P.1/4
Part Number:
LUY25C
3.2mm ROUND SOLID STATE LED LAMP
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=10mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
LUY25C
Yellow
GaAsP/GaP
Yellow Transparent
8
29
590
35
°
Features
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
AVAILABLE ON TAPE FOR AUTOMATIC
MOUNTING MACHINE.
LONG LIFE-SOLID STATE RELIABILITY.
RoHS COMPLIANT.
Absolute Maximum Ratings
(TA=25°C)
UY
(GaAsP/GaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
140
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
UY
(GaAsP/GaP)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
1.95
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=10mA)
λ P
590
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=10mA)
λ D
588
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
Δλ
35
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
20
pF
Operating Characteristics
(TA=25°C)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.


Similar Part No. - LUY25C

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
ROUND TYPE LED LAMPS
logo
List of Unclassifed Man...
LUY2043 ETC2-LUY2043 Datasheet
100Kb / 5P
ROUND TYPE LED LAMPS
logo
LIGITEK electronics co....
LUY2043 LIGITEK-LUY2043 Datasheet
104Kb / 5P
ROUND TYPE LED LAMPS
LUY2043-PF-B01 LIGITEK-LUY2043-PF-B01 Datasheet
110Kb / 6P
SUPER BGIGHT ROUND TYPE LED LAMPS
LUY21233 LIGITEK-LUY21233 Datasheet
95Kb / 5P
SUPER BRIGHT TOWER TYPE LED LAMPS
More results

Similar Description - LUY25C

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT6610 SHARP-LT6610 Datasheet
88Kb / 3P
Solid State Lamp (LED Lamp Cluster)
logo
Kingbright Corporation
L174 KINGBRIGHT-L174 Datasheet
165Kb / 5P
3.2mm ROUND SOLID STATE LED LAMPS
logo
Unity Opto Technology
MVL-591SR UOT-MVL-591SR Datasheet
35Kb / 2P
SOLID STATE LAMP
MVL-514HTG UOT-MVL-514HTG Datasheet
38Kb / 2P
SOLID STATE LAMP
MVL-514HB UOT-MVL-514HB Datasheet
38Kb / 2P
SOLID STATE LAMP
MVL-504TG UOT-MVL-504TG Datasheet
38Kb / 2P
SOLID STATE LAMP
MVL-324B UOT-MVL-324B Datasheet
38Kb / 2P
SOLID STATE LAMP
logo
SunLED Corporation
LMR25C SUNLED-LMR25C Datasheet
175Kb / 4P
3.2mm ROUND SOLID STATE LED LAMP
LUG25C SUNLED-LUG25C Datasheet
177Kb / 4P
3.2mm ROUND SOLID STATE LED LAMP
LUR25C SUNLED-LUR25C Datasheet
178Kb / 4P
3.2mm ROUND SOLID STATE LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com