Electronic Components Datasheet Search
  English  ▼

X  

STM6904 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM6904
Description  Quad, ultralow voltage supervisor with push-button reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6904 Datasheet(HTML) 5 Page - STMicroelectronics

  STM6904 Datasheet HTML 1Page - STMicroelectronics STM6904 Datasheet HTML 2Page - STMicroelectronics STM6904 Datasheet HTML 3Page - STMicroelectronics STM6904 Datasheet HTML 4Page - STMicroelectronics STM6904 Datasheet HTML 5Page - STMicroelectronics STM6904 Datasheet HTML 6Page - STMicroelectronics STM6904 Datasheet HTML 7Page - STMicroelectronics STM6904 Datasheet HTML 8Page - STMicroelectronics STM6904 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
STM6904
Description
5/21
1
Description
The STM6904 supervisor is a low voltage/low supply current processor supervisor,
designed to monitor up to four system power supply voltages. This device is targeted at
applications such as Set-Top Boxes (STBs), portable, battery-powered systems, networking
and communication systems.
The device supports a push-button type manual reset input (MR). Two of the four supply
monitors (VCC and V2IN) have fixed (customer-selectable, factory-trimmed) thresholds
(VRST1 and VRST2). The other two voltage monitor inputs (V3IN and V4IN) are monitored
using externally adjustable threshold (0.600V internal reference) to meet specific level
requirements.
If any of the four monitored voltages drops below its factory-trimmed or adjustable
thresholds, or if the MR is asserted to logic low, the reset output RST is asserted (driven
low). Once asserted, RST is maintained Low for a minimum delay period (trec) after ALL
monitored supplies rise above their respective thresholds and MR returns to High. This
device is in the correct reset output logic state when VCC greater than 0.8V.
The STM6904 is available in a standard 8-lead MSOP (TSSOP) package.
Figure 1.
Logic diagram
Figure 2.
MSOP/TSSOP-8 connections
V4IN
VCC
STM6904
MR
RST
VSS
TRSEL
V2IN
V3IN
ai13976
1
V3IN
VSS
V4IN
TRSEL
VCC
MR
RST
V2IN
ai13977
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com